Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM106F+ Datasheet (PDF) - C-Media Electronics

CM106F+ Datasheet PDF - C-Media Electronics
Part # CM106F+
Download  CM106F+ Download
File Size   1281.05 Kbytes
Page   41 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description USB Audio I/O Controller

CM106F+ Datasheet (PDF)

Go To PDF Page Download Datasheet
CM106F+ Datasheet PDF - C-Media Electronics

Part # CM106F+
Download  CM106F+ Click to download

File Size   1281.05 Kbytes
Page   41 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description USB Audio I/O Controller

CM106F+ Datasheet (HTML) - C-Media Electronics


CM106F+ Product details

DESCRIPTIONS AND OVERVIEW
CM106-F+/ L+ is a highly integrated single chip USB audio solution. All essential analog modules are embedded in CM106F+/L+, including 8CH DAC and earphone buffer, 2CH ADC, microphone booster, PLL, regulator, and USB transceiver. This chip design can provided more efficiency features and high quality sound for high end USB audio products application. It is very suitable for USB external audio box, USB multi-channel headphone, USB Ducking System, USB Portable Home Theater Adoptoror and USB audio interface multi-channel speaker set application.

FEATURES
● USB spec. 2.0 full speed compliant and USB IF certification
● USB audio device class spec. 1.0 and USB HID class spec. 1.1 compliant
● IEC60958 spec. Compliant (consumer format S/PDIF input and output with loop-back support)
● SCMS (Serial Copy Management System) compliant
● Dolby® Digital and DTS audio streaming via S/PDIF out
● USB remote wake-up support
● 8 channel DAC output with 16 bit resolution
    3.1 Vpp (1.1 Vrms) biased at 2.25V output swing
    Volume control and mute function
    Earphone buffer
    2X interpolator for digital playback data to improve quality
● 2 channel ADC input with 16 bit resolution
    3.2 Vpp (or 4.0 Vpp programmed by vendor driver) biased at 2.25V input swing
    Volume control and mute function
● Additional headphone output with selectable source and phone jack sense
● Stereo MIC support with boost capability
● Recording source select from S/PDIF, MIC, Line-in and summation of MIC, Line-in and front channel
● MIC, Line-in monitor from front channel (all channels optional) with volume control and mute function
● Master volume control by default; per-channel volume control by C-Media driver
● Playback with soft-mute function
● Support 48 / 44.1 KHz sampling rate for both playback and recording
● MCU support with two-wire serial interface
● Serial EEPROM support for customized VID/PID
● MCU / EEPROM / GPIO control via HID software interface
● Volume up / volume down / playback mute HID button
● LED indicator pins: operation / recording mute / SCMS protection
● Embedded USB transceiver and power on reset circuit
● Single 12MHz crystal input with embedded PLL
● Single 5V power supply with embedded 5V to 3.3V regulator
● Industry standard LQFP-48 (CM106-L+) or QFP-100 (CM106-F+) package
● C-Media value added patent software driver
    Xear 3D sound
    Earphone Plus
    SPEAKER SHIFTER
    Environment sound effects
    Room Size Mode
    Graphic Equalizer
    Karaoke Function
● Software Driver support Dolby Digital Live for multi-media content real-time encoder with Dolby Digital AC-3 Raw data bit stream
● Software Driver support DTS Connect with DST Interactive and DTS NEO:PC sound technology




Similar Part No. - CM106F+

ManufacturerPart #DatasheetDescription
logo
Campbell Scientific Uni...
CM106 CAMPBELL-CM106 Datasheet
226Kb / 2P
Instrumentation Tripod and Tripod Kit
July 2011
logo
Chicago Miniature Lamp,...
CM1061 CML-CM1061 Datasheet
222Kb / 1P
B-6 Double Contact Bayonet Base
logo
Visual Communications C...
CM1061 VCC-CM1061 Datasheet
27Kb / 1P
Double Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1062 CML-CM1062 Datasheet
218Kb / 1P
RP-11 Single Contact Bayonet Base
logo
Visual Communications C...
CM1062 VCC-CM1062 Datasheet
32Kb / 1P
Contact Bayonet Base
More results


Similar Description - CM106F+

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
USB Audio Controller
logo
C-Media Electronics
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
USB Audio I/O Controller
CM109 CMEDIA-CM109 Datasheet
602Kb / 36P
USB I/O Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
USB AUDIO Controller
logo
C-Media Electronics
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
High Integrated USB Audio I/O Controller
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
Highly Integrated USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
High Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
High Integrated USB Audio I/O Controller
More results




About C-Media Electronics


C-Media Electronics, Inc. is a Taiwanese company that specializes in the design and manufacture of audio processors and audio interfaces for a variety of consumer and professional applications. Their product line includes audio codecs, USB audio interfaces, and audio processing software.

C-Media's products are used in a wide range of applications, including home theater systems, gaming headsets, and professional audio equipment. They are known for their high-quality audio processing capabilities, advanced features, and competitive pricing.

The company was founded in 1991 and is headquartered in Taipei, Taiwan. C-Media has a strong commitment to research and development, and is dedicated to providing innovative and reliable audio solutions to their customers. In addition to their standard products, C-Media also provides customized solutions to meet specific customer requirements.

Overall, C-Media Electronics is a trusted and reputable supplier of audio processors and audio interfaces, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com