Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM109 Datasheet (PDF) - C-Media Electronics

CM109 Datasheet PDF - C-Media Electronics
Part # CM109
Download  CM109 Download
File Size   602.46 Kbytes
Page   36 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description USB I/O Controller

CM109 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM109 Datasheet PDF - C-Media Electronics

Part # CM109
Download  CM109 Click to download

File Size   602.46 Kbytes
Page   36 Pages
Manufacturer  CMEDIA [C-Media Electronics]
Direct Link  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics
Description USB I/O Controller

CM109 Datasheet (HTML) - C-Media Electronics


CM109 Product details

DESCRIPTIONS AND OVERVIEW

CM109 is a highly integrated single chip USB audio controller specifically for VoIP (Voice over internet protocol) application. All essential analog modules are embedded in CM109, including dual DAC and earphone driver, ADC, microphone booster, PLL, regulator, and USB transceiver. 8 GPIO pins can constitute a 24 key matrix directly support keypad control function without MCU. It’s also support buzzer output pin for VoIP application. In addition, audio adjustment can be easily controlled via specific HID compliant volume control pins. Many features are programmable with jumper pins or external EEPROM. Vender can customized unique USB VID/PID to EEPROM for VoIP software authentication. Moreover, individual unique phone number for each device is possible via serial number stored in external EEPROM. Moreover, CM109 provided I2C interface with MCU application for LCM integrated and advanced functions.



FEATURES

● Compliant with USB 2.0 Full Speed Operation

● Compliant with USB Audio Device class specification v1.0

● Supports USB Suspend/Resume Mode and remote Wakeup with Volume Control pins

● Single 12MHz Crystal input with on-chip PLL and embedded USB transceiver

● Jumper Pin for Speaker Mode (Playback Only) or Headset Mode (Playback + Recording)

● For Headset Mode, USB audio function topology has 2 Input Terminals, 2 Output Terminals, 1 Mixer Unit, 1 Selector Unit, and 3 Feature Units

● Jumper Pin for Operation System Mixer Unit Enable/Disable under Headset Mode

● For Speaker Mode, USB audio function topology has 1 Input Terminal, 1 Output Terminal, and 1 Feature Unit

● Support one Control Endpoint, one Isochroous out Endpoint, one Isochroous in Endpoint, and one Interrupt in Endpoint

● Alternate zero bandwidth setting for releasing playback bandwidth on USB Bus when this device is inactive

● Volume up, volume down, and playback mute support USB HID for Host Control Synchronization

● Record Mute Pin with LED Indicator for Record Mute Status

● External EEPROM Interface for Vendor Specific USB VID, PID, and Serial Number

● Supports AES/EBU, IEC60958, S/PDIF Consumer Formats for Stereo PCM Data at S/PDIF Output

● 8 GPIO Pins with Read/Write via HID

● Embedded Buzzer Function controlled by Register

● Support I2C Interface for External MCU Integrated

● Jumper Pin for Output Voltage Swing (3.5V or 2.5V)

● Jumper Pin for Power Mode Setting

● Isochroous transfer uses Adaptive Mode with Internal PLL for Synchronization

● 48K/44.1KHz Sampling Rate for both Playback and Recording

● Soft Mute Function

● Embedded High Performance 16 bit audio DAC with Earphone Phone Buffer

● Host side data loss noise reduction function

● Embedded 16 bit ADC input with Microphone Boost

● Embedded power on Reset Block

● Embedded 5V to 3.3V regulator for single External 5V Operation

● Compatible with Win98 SE / Win ME / Win 2000 / Win XP and Mac OS9 / OS X without Additional Driver

● 48 Pin LQFP Package

● Support Hardware SDK tool for third-party software or soft-phone development




Similar Part No. - CM109

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CM109 CML-CM109 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM109 VCC-CM109 Datasheet
32Kb / 1P
Single Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1093 CML-CM1093 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
logo
Visual Communications C...
CM1093 VCC-CM1093 Datasheet
32Kb / 1P
Single Contact Bayonet Base
logo
Chicago Miniature Lamp,...
CM1095 CML-CM1095 Datasheet
22Kb / 1P
S-8 Single Contact Bayonet Base
More results


Similar Description - CM109

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6550 HOLTEK-HT6550 Datasheet
1Mb / 39P
Super I/O Controller
2nd Apr 97
logo
C-Media Electronics
CM106F+ CMEDIA-CM106F+ Datasheet
1Mb / 41P
USB Audio I/O Controller
CM108 CMEDIA-CM108 Datasheet
500Kb / 29P
USB Audio I/O Controller
MCM6206 CMEDIA-MCM6206 Datasheet
477Kb / 4P
High Integrated USB Audio I/O Controller
logo
Cypress Semiconductor
CY7C63413C CYPRESS-CY7C63413C Datasheet
1Mb / 32P
Low-Speed High I/O, 1.5-Mbps USB Controller
logo
Intel Corporation
6300ESB INTEL-6300ESB Datasheet
7Mb / 848P
I/O Controller Hub
logo
C-Media Electronics
CM108AH CMEDIA-CM108AH Datasheet
540Kb / 27P
Highly Integrated USB Audio I/O Controller
CM6206 CMEDIA-CM6206 Datasheet
1Mb / 35P
High Integrated USB Audio I/O Controller
logo
C&K Components
CM6206-LX CK-COMPONENTS-CM6206-LX Datasheet
1Mb / 33P
High Integrated USB Audio I/O Controller
logo
C-Media Electronics
CM6206LX CMEDIA-CM6206LX Datasheet
1Mb / 33P
High Integrated USB Audio I/O Controller
More results




About C-Media Electronics


C-Media Electronics, Inc. is a Taiwanese company that specializes in the design and manufacture of audio processors and audio interfaces for a variety of consumer and professional applications. Their product line includes audio codecs, USB audio interfaces, and audio processing software.

C-Media's products are used in a wide range of applications, including home theater systems, gaming headsets, and professional audio equipment. They are known for their high-quality audio processing capabilities, advanced features, and competitive pricing.

The company was founded in 1991 and is headquartered in Taipei, Taiwan. C-Media has a strong commitment to research and development, and is dedicated to providing innovative and reliable audio solutions to their customers. In addition to their standard products, C-Media also provides customized solutions to meet specific customer requirements.

Overall, C-Media Electronics is a trusted and reputable supplier of audio processors and audio interfaces, with a strong reputation for quality and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com