Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C055 Datasheet (PDF) - NXP Semiconductors

83C055 Datasheet PDF - NXP Semiconductors
Part # 83C055
Download  83C055 Download
File Size   243.64 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontrollers for TV and video MTV

83C055 Datasheet (PDF)

Go To PDF Page Download Datasheet
83C055 Datasheet PDF - NXP Semiconductors

Part # 83C055
Download  83C055 Click to download

File Size   243.64 Kbytes
Page   40 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Microcontrollers for TV and video MTV

83C055 Datasheet (HTML) - NXP Semiconductors


83C055 Product details

DESCRIPTION
The 83C055, Microcontroller for Television and Video (MTV) applications, is a derivative of Philips’ industry standard 80C51 microcontroller.
The 83C055 is intended for use as the central control mechanism in a television receiver or tuner.

FEATURES
• Masked ROM sizes:
    – 8 kbytes (83C845)
    – 12 kbytes (83C145)
    – 16 kbytes (83C055)
    – 16 kbytes OTP (87C055)
• RAM: 256 bytes
• On Screen Display (OSD) controller
• Three digital video outputs
• Multiplexer/mixer and background intensity controls
• Flexible formatting with OSD New Line option
• 128 × 10 bits display RAM
• Designed for reduced Radio Frequency Interference
(RFI)
• Character generator ROM:
    – character format 18 lines × 14 dots
    – 60 visible characters
    – 4 special characters
• Eight text shadowing modes
• Text colour selectable per character
• Background colour selectable per word
• Background colour versus video selectable per character
• Eight 6-bit Pulse Width Modulators (PWM) for analog voltage integration
• One 14-bit PWM for high-precision voltage integration
• Digital-to-analog converter and comparator with 3 inputs multiplexer
• Nine dedicated I/Os plus 28 port bits (15 port bits with alternative uses)
• 4 high current open-drain port outputs
• 12 high voltage (+12 V) open-drain outputs
• Programmable video input and output polarities
• 80C51 instruction set
• No external memory capability
• Plastic shrink dual in-line package (0.07 inch centre pins)
• High-speed CMOS technology
• Power supply: 5 V ±10%.

APPLICATIONS
    Providing tuner functions and an OSD facility, it represents a next generation replacement for the currently available parts.




Similar Part No. - 83C055

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C053 PHILIPS-83C053 Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
83C054 PHILIPS-83C054 Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
More results


Similar Description - 83C055

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA84C646 PHILIPS-PCA84C646 Datasheet
564Kb / 72P
Microcontrollers for TV tuning control and OSD applications
1995 Jun 15
PCE84C486 PHILIPS-PCE84C486 Datasheet
168Kb / 36P
Microcontrollers for digital auto-sync and VST TV controller applications
1996 Feb 21
SAA5290 PHILIPS-SAA5290 Datasheet
652Kb / 33P
Economy teletext and TV microcontrollers
February 1995
logo
TEMIC Semiconductors
TDA4439 TEMIC-TDA4439 Datasheet
105Kb / 7P
Video IF Amplifier for Multistandard TV and VTR
Rev. A1: 14.09.1995
logo
Siemens Semiconductor G...
TDA5660P SIEMENS-TDA5660P Datasheet
776Kb / 44P
Modular for TV, Video and Sound Signals
logo
Harris Corporation
CD22402 HARRIS-CD22402 Datasheet
76Kb / 11P
Sync Generator for TV Applications and Video Processing Systems
logo
NXP Semiconductors
SAA5X9X PHILIPS-SAA5X9X Datasheet
612Kb / 68P
Economy teletext and TV microcontrollers
1997 Jul 07
logo
STMicroelectronics
TEA2014 STMICROELECTRONICS-TEA2014 Datasheet
118Kb / 3P
VIDEO SWITCHING CIRCUIT FOR TV
logo
NXP Semiconductors
P83C053BBPNB PHILIPS-P83C053BBPNB Datasheet
1Mb / 16P
MICROCONTROLLER FOR TELEVISION AND VIDEO (MTV)
January 26 1993
logo
Toshiba Semiconductor
TA8611AN TOSHIBA-TA8611AN Datasheet
462Kb / 11P
VIDEO AND SOUND IF FOR TV SET
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com