Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70121L Datasheet (PDF) - Renesas Technology Corp

70121L Datasheet PDF - Renesas Technology Corp
Part # 70121L
Download  70121L Download
File Size   416.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT

70121L Datasheet (PDF)

Go To PDF Page Download Datasheet
70121L Datasheet PDF - Renesas Technology Corp

Part # 70121L
Download  70121L Click to download

File Size   416.43 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT

70121L Datasheet (HTML) - Renesas Technology Corp


70121L Product details

Features
✵ High-speed access
– Commercial: 25ns (max.)
◆ Low-power operation
– IDT70121/70125L
Active: 675mW (typ.)
Standby: 1mW (typ.)
◆ MASTER IDT70121 easily expands data bus width to 18 bits or
more using SLAVE IDT70125 chip
◆ Fully asychronous operation from either port
◆ On-chip port arbitration logic (IDT70121 only)
◆ BUSY output flag on Master; BUSY input on Slave
◆ INT flag for port-to-port communication
◆ Battery backup operation—2V data retention
◆ TTL-compatible, signal 5V (±10%) power supply
◆ Available in 52-pin PLCC
◆ Green parts available, see ordering information




Similar Part No. - 70121L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70121L20JG IDT-70121L20JG Datasheet
199Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
70121L20JG8 IDT-70121L20JG8 Datasheet
199Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
70121L20JGI IDT-70121L20JGI Datasheet
199Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
70121L20JGI8 IDT-70121L20JGI8 Datasheet
199Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
70121L25JG IDT-70121L25JG Datasheet
170Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
More results


Similar Description - 70121L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70121S IDT-IDT70121S Datasheet
168Kb / 12P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT71V321S IDT-IDT71V321S Datasheet
129Kb / 14P
HIGH-SPEED 3.3V 2K x 8 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70121S IDT-IDT70121S_06 Datasheet
127Kb / 15P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
7132SA100J IDT-7132SA100J Datasheet
292Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT70121S IDT-IDT70121S_14 Datasheet
199Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM WITH BUSY & INTERRUPT
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT70121S IDT-IDT70121S_17 Datasheet
170Kb / 16P
HIGH-SPEED 2K x 9 DUAL-PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com