Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70261S Datasheet (PDF) - Renesas Technology Corp

70261S Datasheet PDF - Renesas Technology Corp
Part # 70261S
Download  70261S Download
File Size   509.51 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT

70261S Datasheet (PDF)

Go To PDF Page Download Datasheet
70261S Datasheet PDF - Renesas Technology Corp

Part # 70261S
Download  70261S Click to download

File Size   509.51 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT

70261S Datasheet (HTML) - Renesas Technology Corp


70261S Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed access
– Commercial: 15/55ns (max.)
– Industrial 20ns (max.)
◆ Low-power operation
– IDT70261S
Active: 750mW (typ.)
Standby: 5mW (typ.)
– IDT70261L
Active: 750mW (typ.)
Standby: 1mW (typ.)
◆ Separate upper-byte and lower-byte control for multiplexed
bus compatibility
◆ IDT70261 easily expands data bus width to 32 bits or more
using the Master/Slave select when cascading more than
one device
◆ M/S = H for BUSY output flag on Master,
M/S = L for BUSY input on Slave
◆ Busy and Interrupt Flags
◆ On-chip port arbitration logic
◆ Full on-chip hardware support of semaphore signaling
between ports
◆ Fully asynchronous operation from either port
◆ TTL-compatible, single 5V (±10%) power supply
◆ Available in 100-pin Thin Quad Flatpack
◆ Industrial temperature range (-40OC to +85OC) is available
for selected speeds
◆ Green parts available. See ordering information




Similar Part No. - 70261S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
70261S15PFG IDT-70261S15PFG Datasheet
703Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261S15PFG IDT-70261S15PFG Datasheet
203Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S15PFG8 IDT-70261S15PFG8 Datasheet
703Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
70261S15PFG8 IDT-70261S15PFG8 Datasheet
203Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
70261S15PFGI IDT-70261S15PFGI Datasheet
703Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
More results


Similar Description - 70261S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70261S IDT-IDT70261S Datasheet
245Kb / 19P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT7026S IDT-IDT7026S Datasheet
239Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70V261S IDT-IDT70V261S Datasheet
153Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_09 Datasheet
167Kb / 19P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70V261S IDT-IDT70V261S_12 Datasheet
338Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT7026S IDT-IDT7026S_15 Datasheet
685Kb / 18P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_15 Datasheet
703Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM WITH INTERRUPT
IDT70V26S IDT-IDT70V26S_17 Datasheet
175Kb / 17P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
IDT70261S IDT-IDT70261S_18 Datasheet
203Kb / 20P
HIGH-SPEED 16K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V261 RENESAS-70V261 Datasheet
264Kb / 19P
HIGH-SPEED 3.3V 16K x 16 DUAL-PORT STATIC RAM
Jun.04.21
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com