Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71016S12YG Datasheet (PDF) - Renesas Technology Corp

71016S12YG Datasheet PDF - Renesas Technology Corp
Part # 71016S12YG
Download  71016S12YG Download
File Size   201.15 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (64K x 16-Bit)

71016S12YG Datasheet (PDF)

Go To PDF Page Download Datasheet
71016S12YG Datasheet PDF - Renesas Technology Corp

Part # 71016S12YG
Download  71016S12YG Click to download

File Size   201.15 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 1 Meg (64K x 16-Bit)

71016S12YG Datasheet (HTML) - Renesas Technology Corp


71016S12YG Product details

Features
◆ 64K x 16 advanced high-speed CMOS Static RAM
◆ Equal access and cycle times
– Commercial : 12/15/20ns
– Industrial: 15/20ns
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional data inputs and outputs directly TTLcompatible
◆ Low power consumption via chip deselect
◆ Upper and Lower Byte Enable Pins
◆ Commercial and industrial product available in 44-pin
Plastic SOJ package and 44-pin TSOP package
Description
The IDT71016 is a 1,048,576-bit high-speed Static RAM organized
as 64K x 16. It is fabricated using high-performance, high-reliability CMOS
technology. This state-of-the-art technology, combined with innovative
circuit design techniques, provides a cost-effective solution for high-speed
memory needs.
The IDT71016 has an output enable pin which operates as fast as 7ns,
with address access times as fast as 12ns. All bidirectional inputs and
outputs of the IDT71016 are TTL-compatible and operation is from a single
5V supply. Fully static asynchronous circuitry is used, requiring no clocks
or refresh for operation.
The IDT71016 is packaged in a JEDEC standard 44-pin Plastic SOJ
and 44-pin TSOP Type II.




Similar Part No. - 71016S12YG

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
71016S12PHG MOLEX-71016S12PHG Datasheet
41Kb / 1P
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Similar Description - 71016S12YG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7187S IDT-IDT7187S Datasheet
70Kb / 8P
CMOS STATIC RAM 64K (64K x 1-BIT)
IDT71V016SA IDT-IDT71V016SA Datasheet
100Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71016 IDT-IDT71016 Datasheet
482Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016 IDT-IDT71V016 Datasheet
80Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71T016SA IDT-IDT71T016SA Datasheet
109Kb / 9P
2.5V CMOS Static RAM 1 Meg (64K x 16-Bit)
71V016SA10PHG IDT-71V016SA10PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
IDT71V016SA12PHG IDT-IDT71V016SA12PHG Datasheet
289Kb / 9P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Pyramid Semiconductor C...
P3C1021 PYRAMID-P3C1021 Datasheet
451Kb / 10P
HIGH SPEED 64K x 16 (1 MEG) STATIC CMOS RAM
logo
Integrated Device Techn...
IDT71016S IDT-IDT71016S_14 Datasheet
82Kb / 9P
CMOS Static RAM 1 Meg (64K x 16-Bit)
logo
Renesas Technology Corp
71V016SA RENESAS-71V016SA Datasheet
210Kb / 11P
3.3V CMOS Static RAM 1 Meg (64K x 16-Bit)
Jun.23.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com