Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71256SA Datasheet (PDF) - Renesas Technology Corp

71256SA Datasheet PDF - Renesas Technology Corp
Part # 71256SA
Download  71256SA Download
File Size   191.21 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 256K (32K x 8-Bit)

71256SA Datasheet (PDF)

Go To PDF Page Download Datasheet
71256SA Datasheet PDF - Renesas Technology Corp

Part # 71256SA
Download  71256SA Click to download

File Size   191.21 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS Static RAM 256K (32K x 8-Bit)

71256SA Datasheet (HTML) - Renesas Technology Corp


71256SA Product details

Features
◆ 32K x 8 advanced high-speed CMOS static RAM
◆ Commercial (0° to 70°C) and Industrial (-40° to 85°C)
temperature options
◆ Equal access and cycle times
– Commercial: 12ns
– Commercial and Industrial: 15/20/25ns
◆ One Chip Select plus one Output Enable pin
◆ Bidirectional data inputs and outputs directly
TTL-compatible
◆ Low power consumption via chip deselect
◆ Commercial product available in 28-pin 300-mil Plastic DIP,
300 mil Plastic SOJ and TSOP packages
◆ Industrial product available in 28-pin 300 mil Plastic SOJ
and TSOP packages
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds
◆ Green parts available, see ordering information




Similar Part No. - 71256SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
More results


Similar Description - 71256SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S Datasheet
78Kb / 9P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
CMOS STATIC RAM 256K (32K x 8-BIT)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
CMOS 256K (32K X 8) STATIC RAM
logo
Integrated Device Techn...
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
CMOS Static RAM 256K (32K x 8-Bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com