Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71342LA20PFG Datasheet (PDF) - Renesas Technology Corp

71342LA20PFG Datasheet PDF - Renesas Technology Corp
Part # 71342LA20PFG
Download  71342LA20PFG Download
File Size   389.35 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE

71342LA20PFG Datasheet (PDF)

Go To PDF Page Download Datasheet
71342LA20PFG Datasheet PDF - Renesas Technology Corp

Part # 71342LA20PFG
Download  71342LA20PFG Click to download

File Size   389.35 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE

71342LA20PFG Datasheet (HTML) - Renesas Technology Corp


71342LA20PFG Product details

Features
◆ High-speed access
– Commercial: 20ns(max.)
– Industrial: 25ns (max.)
◆ Low-power operation
– IDT71342LA
Active: 700mW (typ.)
Standby: 1mW (typ.)
◆ Fully asynchronous operation from either port
◆ Full on-chip hardware support of semaphore signalling between
ports
◆ Battery backup operation—2V data retention (LA only)
◆ TTL-compatible; single 5V (±10%) power supply
◆ Available in plastic packages
◆ Industrial temperature range (–40°C to +85°C) is available
for selected speeds




Similar Part No. - 71342LA20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71342LA20PFG IDT-71342LA20PFG Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
71342LA20PFG8 IDT-71342LA20PFG8 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
71342LA20PFGI IDT-71342LA20PFGI Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
71342LA20PFGI8 IDT-71342LA20PFGI8 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
More results


Similar Description - 71342LA20PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT70P35 IDT-IDT70P35 Datasheet
293Kb / 22P
HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com