Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83052I-01 Datasheet (PDF) - Renesas Technology Corp

83052I-01 Datasheet PDF - Renesas Technology Corp
Part # 83052I-01
Download  83052I-01 Download
File Size   509.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Bit, 2:1, Single-Ended Multiplexer

83052I-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
83052I-01 Datasheet PDF - Renesas Technology Corp

Part # 83052I-01
Download  83052I-01 Click to download

File Size   509.37 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Bit, 2:1, Single-Ended Multiplexer

83052I-01 Datasheet (HTML) - Renesas Technology Corp


83052I-01 Product details

Features
• 2-bit, 2:1 single-ended multiplexer
• Nominal output impedance: 15 (VDDO = 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), VDD = VDDO = 3.3V
• Input skew: 85ps (maximum), VDD = VDDO = 3.3V
• Part-to-part skew: 500ps (maximum), VDD = VDDO = 3.3V
• Output skew: 65ps (maximum), VDD = VDDO = 3.3V
• Additive phase jitter, RMS (12KHz - 20MHz):
0.15ps (typical)
• Operating supply modes:
VDD/VDDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83052I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
More results


Similar Description - 83052I-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I-01 ICST-ICS83052I-01 Datasheet
217Kb / 12P
2-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83054I-01 ICST-ICS83054I-01 Datasheet
216Kb / 12P
4-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A NOVEMBER 24, 2004
ICS83056I-01 ICST-ICS83056I-01 Datasheet
213Kb / 12P
6-BIT, 2 : 1, SINGLE-ENDED MULTIPLEXER
REV. A FEBRUARY 7, 2005
logo
Integrated Device Techn...
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
83052I-01 IDT-83052I-01 Datasheet
314Kb / 15P
2-Bit, 2:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83052I RENESAS-83052I Datasheet
395Kb / 18P
2:1, Single-Ended Multiplexer
December 15, 2015
83054I-01 RENESAS-83054I-01 Datasheet
385Kb / 15P
4-Bit, 2:1, Single-Ended Multiplexer
December 15, 2015
ICS83056I-01 RENESAS-ICS83056I-01 Datasheet
833Kb / 15P
6-BIT, 2:1, SINGLE-ENDED LVCMOS MULTIPLEXER
JANUARY 29, 2009
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com