Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83058I Datasheet (PDF) - Renesas Technology Corp

83058I Datasheet PDF - Renesas Technology Corp
Part # 83058I
Download  83058I Download
File Size   363.11 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8:1, Single-Ended Multiplexer

83058I Datasheet (PDF)

Go To PDF Page Download Datasheet
83058I Datasheet PDF - Renesas Technology Corp

Part # 83058I
Download  83058I Click to download

File Size   363.11 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8:1, Single-Ended Multiplexer

83058I Datasheet (HTML) - Renesas Technology Corp


83058I Product details

FEATURES
• 8:1 single-ended multiplexer
• Q nominal output impedance: 7Ω (VDDO= 3.3V)
• Maximum output frequency: 250MHz
• Propagation delay: 3ns (maximum), VDD= VDDO= 3.3V
• Input skew: 225ps (maximum), VDD= VDDO= 3.3V
• Part-to-part skew: 475ps (maximum), VDD= VDDO= 3.3V
• Additive phase jitter, RMS: 0.19ps (typical), 3.3V/3.3V
• Operating supply modes:VDD/VDDO
3.3V/3.3V
3.3V/2.5V
3.3V/1.8V
2.5V/2.5V
2.5V/1.8V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83058I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83058 IDT-83058 Datasheet
181Kb / 14P
Maximum output frequency
83058 IDT-83058 Datasheet
169Kb / 14P
8:1, Single-Ended Multiplexer
830584AGILF IDT-830584AGILF Datasheet
281Kb / 12P
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
830584AGILF IDT-830584AGILF Datasheet
122Kb / 12P
Low Skew, PCI-X 1-to-4 Fanout Buffer
830584AGILFT IDT-830584AGILFT Datasheet
281Kb / 12P
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
More results


Similar Description - 83058I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83052I ICST-ICS83052I Datasheet
176Kb / 12P
2:1, SINGLE-ENDED MULTIPLEXER
REV. A AUGUST 2, 2005
ICS83056I ICST-ICS83056I Datasheet
157Kb / 13P
6:1, SINGLE-ENDED MULTIPLEXER
REV. A JANUARY 18, 2006
ICS83058I ICST-ICS83058I Datasheet
153Kb / 12P
8:1, SINGLE-ENDED MULTIPLEXER
REV. A SEPTEMBER 27, 2005
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
8:1, SINGLE-ENDED MULTIPLEXER
83054AGILF IDT-83054AGILF Datasheet
271Kb / 14P
4:1, SINGLE-ENDED MULTIPLEXER
83052AGILFT IDT-83052AGILFT Datasheet
195Kb / 17P
2 1 single-ended multiplexer
8308I IDT-8308I Datasheet
169Kb / 14P
8:1, Single-Ended Multiplexer
83058 IDT-83058_15 Datasheet
169Kb / 14P
8:1, Single-Ended Multiplexer
logo
Renesas Technology Corp
8CA3052I RENESAS-8CA3052I Datasheet
399Kb / 18P
2:1 Single-Ended Multiplexer
January 27, 2016
83054 RENESAS-83054 Datasheet
348Kb / 15P
4:1, Single-Ended Multiplexer
December 15, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com