Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83210AYLFT Datasheet (PDF) - Renesas Technology Corp

83210AYLFT Datasheet PDF - Renesas Technology Corp
Part # 83210AYLFT
Download  83210AYLFT Download
File Size   295.45 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-10, HSTL Fanout Buffer

83210AYLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
83210AYLFT Datasheet PDF - Renesas Technology Corp

Part # 83210AYLFT
Download  83210AYLFT Click to download

File Size   295.45 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-10, HSTL Fanout Buffer

83210AYLFT Datasheet (HTML) - Renesas Technology Corp


83210AYLFT Product details

FEATURES
• Ten single-ended HSTL outputs
• One single-ended HSTL clock input
• Maximum input frequency: 150MHz
• Output skew: 110ps (maximum)
• Part-to-part skew: 2ns (maximum)
• 1.5V power supply
• 0°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83210AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83210AYLFT IDT-83210AYLFT Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
More results


Similar Description - 83210AYLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83210 IDT-ICS83210 Datasheet
173Kb / 9P
LOW SKEW, 1-TO-10 HSTL FANOUT BUFFER
83210 IDT-83210 Datasheet
103Kb / 10P
Low Skew, 1-to-10, HSTL Fanout Buffer
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com