Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83905-01 Datasheet (PDF) - Renesas Technology Corp

83905-01 Datasheet PDF - Renesas Technology Corp
Part # 83905-01
Download  83905-01 Download
File Size   606.69 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer

83905-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
83905-01 Datasheet PDF - Renesas Technology Corp

Part # 83905-01
Download  83905-01 Click to download

File Size   606.69 Kbytes
Page   21 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1:6 Crystal-to-LVCMOS Fanout Buffer

83905-01 Datasheet (HTML) - Renesas Technology Corp


83905-01 Product details

Features
• Six LVCMOS outputs
• Outputs able to drive 12 series terminated lines
• Crystal Oscillator Interface
• Crystal input frequency range: 10MHz to 40MHz
• Output skew: 95ps (maximum)
• RMS phase jitter @ 25MHz, (100Hz – 1MHz): 0.17ps (typical)
Offset Noise Power
100Hz................. -115 dBc/Hz
1kHz................... -138 dBc/Hz
10kHz................. -154 dBc/Hz
100kHz............... -160 dBc/Hz
• Synchronous output enables
• Power supply modes: Full 1.8V, 1.5V, 1.2V
Mixed 1.8V core/1.5V output operating supply
Mixed 1.8V core/1.2V output operating supply
Mixed 1.5V core/1.2V output operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - 83905-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905-01 IDT-83905-01 Datasheet
409Kb / 20P
Outputs able to drive 12 series terminated lines
More results


Similar Description - 83905-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 16, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83908I-02 IDT-ICS83908I-02 Datasheet
309Kb / 16P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83908I-02 IDT-83908I-02 Datasheet
177Kb / 16P
Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
83905I RENESAS-83905I Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
83908I-02 RENESAS-83908I-02 Datasheet
373Kb / 17P
Low Skew, 1-to-8 Crystal-to-LVCMOS Fanout Buffer
March 17, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com