Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83905AMLFT Datasheet (PDF) - Renesas Technology Corp

83905AMLFT Datasheet PDF - Renesas Technology Corp
Part # 83905AMLFT
Download  83905AMLFT Download
File Size   691.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer

83905AMLFT Datasheet (PDF)

Go To PDF Page Download Datasheet
83905AMLFT Datasheet PDF - Renesas Technology Corp

Part # 83905AMLFT
Download  83905AMLFT Click to download

File Size   691.15 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer

83905AMLFT Datasheet (HTML) - Renesas Technology Corp


83905AMLFT Product details

Features
• Six LVCMOS / LVTTL outputs
• Outputs able to drive 12 series terminated lines
• Crystal Oscillator Interface
• Crystal input frequency range: 10MHz to 40MHz
• Output skew: 80ps (maximum)
• RMS phase jitter @ 25MHz, (100Hz – 1MHz): 0.26ps (typical),
VDD = VDDO = 2.5V
Offset Noise Power
100Hz.................-129.7 dBc/Hz
1kHz...................-144.4 dBc/Hz
10kHz.................-147.3 dBc/Hz
100kHz...............-157.3 dBc/Hz
• 5V tolerant enable inputs
• Synchronous output enables
• Operating power supply modes:
Full 3.3V, 2.5V, 1.8V
Mixed 3.3V core/2.5V output operating supply
Mixed 3.3V core/1.8V output operating supply
Mixed 2.5V core/1.8V output operating supply
• 0°C to 70°C ambient operating temperature
• Lead-free (RoHS 6) packaging




Similar Part No. - 83905AMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83905AMLFT IDT-83905AMLFT Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905AMLFT IDT-83905AMLFT Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
More results


Similar Description - 83905AMLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
REV. B MAY 16, 2005
ICS83908-02 ICST-ICS83908-02 Datasheet
201Kb / 14P
LOW SKEW, 1-TO-8 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
REV. A JULY 20, 2005
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83905 IDT-83905 Datasheet
493Kb / 21P
Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
83918 IDT-83918_16 Datasheet
332Kb / 19P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
83904I-02 IDT-83904I-02 Datasheet
403Kb / 16P
Low Skew, 1-to-4, Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905I RENESAS-83905I Datasheet
694Kb / 22P
Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
83918 RENESAS-83918 Datasheet
527Kb / 20P
Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com