Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83940D Datasheet (PDF) - Renesas Technology Corp

83940D Datasheet PDF - Renesas Technology Corp
Part # 83940D
Download  83940D Download
File Size   428.18 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer

83940D Datasheet (PDF)

Go To PDF Page Download Datasheet
83940D Datasheet PDF - Renesas Technology Corp

Part # 83940D
Download  83940D Click to download

File Size   428.18 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer

83940D Datasheet (HTML) - Renesas Technology Corp


83940D Product details

FEATURES
• 18 LVCMOS/LVTTL outputs
• Selectable LVCMOS_CLK or LVPECL clock inputs
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• LVCMOS_CLK accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Part to part skew: 750ps (maximum)
• Additive phase jitter, RMS: < 0.03ps (typical)
• Full 3.3V and 2.5V or mixed 3.3V core, 2.5V output
supply modes
• 0°C to 70°C ambient operating temperature
• Lead-Free package available




Similar Part No. - 83940D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83940D IDT-83940D Datasheet
220Kb / 16P
Maximum output frequency
83940DKILF IDT-83940DKILF Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940DKILFT IDT-83940DKILFT Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940DY-01LF IDT-83940DY-01LF Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
logo
Renesas Technology Corp
83940DY-01LF RENESAS-83940DY-01LF Datasheet
399Kb / 16P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
More results


Similar Description - 83940D

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940D ICST-ICS83940D Datasheet
296Kb / 15P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. B JUNE 15, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
83940I-01 IDT-83940I-01 Datasheet
221Kb / 19P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
logo
Renesas Technology Corp
83940-01 RENESAS-83940-01 Datasheet
399Kb / 16P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com