Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8430B-71 Datasheet (PDF) - Renesas Technology Corp

8430B-71 Datasheet PDF - Renesas Technology Corp
Part # 8430B-71
Download  8430B-71 Download
File Size   429.28 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer

8430B-71 Datasheet (PDF)

Go To PDF Page Download Datasheet
8430B-71 Datasheet PDF - Renesas Technology Corp

Part # 8430B-71
Download  8430B-71 Click to download

File Size   429.28 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700MHZ, Low Jitter, Crystal Interface LVCMOS-to-3.3V LVPECL Frequency Synthesizer

8430B-71 Datasheet (HTML) - Renesas Technology Corp


8430B-71 Product details

FEATURES
• Dual differential 3.3V LVPECL outputs
• Selectable crystal oscillator interface or LVCMOS TEST_CLK
• Output frequency up to 700MHz
• Crystal input frequency range: 12MHz to 27MHz
• VCO range: 250MHz to 700MHz
• Parallel or serial interface for programming counter and
output dividers
• RMS period jitter: 9ps (maximum)
• Cycle-to-cycle jitter: 25ps (maximum)
• 3.3V supply voltage
• 0°C to 70°C ambient operating temperature
• Replaces 8430-71
• Available in lead-free (RoHS 6) package




Similar Part No. - 8430B-71

ManufacturerPart #DatasheetDescription
logo
Heyco.
8430B HEYCO-8430B Datasheet
123Kb / 1P
Heyco-Flex™ I Liquid Tight Conduit
More results


Similar Description - 8430B-71

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8430-71B ICST-ICS8430-71B Datasheet
175Kb / 16P
700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
ICS8430I-71B ICST-ICS8430I-71B Datasheet
169Kb / 16P
700MHZ, LOW JITTER, CRYSTAL INTERFACE / LVCMOS-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
REV. A FEBRUARY 17, 2006
ICS84329-01B ICST-ICS84329-01B Datasheet
270Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
REV. A JUNE 10, 2005
ICS84329B ICST-ICS84329B Datasheet
237Kb / 19P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-02 ICST-ICS84330-02 Datasheet
226Kb / 17P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
ICS84330-03 ICST-ICS84330-03 Datasheet
248Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Integrated Device Techn...
ICS84329-01 IDT-ICS84329-01 Datasheet
338Kb / 20P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
logo
Renesas Technology Corp
84329-01 RENESAS-84329-01 Datasheet
836Kb / 21P
700MHZ, LOW JITTER, CRYSTAL-TO-3.3V DIFFERENTIAL LVPECL FREQUENCY SYNTHESIZER
APRIL 9, 2014
84329B RENESAS-84329B Datasheet
616Kb / 19P
700MHZ, Low Jitter, Crystal-to-3.3V LVPECL Frequency Synthesizer
07/29/14
84330-01 RENESAS-84330-01 Datasheet
503Kb / 20P
700MHz, Low Jitter, Crystal-To-3.3V LVPECL Frequency Synthesizer
5/26/16
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com