Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

83C652 Datasheet (PDF) - NXP Semiconductors

83C652 Datasheet PDF - NXP Semiconductors
Part # 83C652
Download  83C652 Download
File Size   185.52 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontrollers

83C652 Datasheet (PDF)

Go To PDF Page Download Datasheet
83C652 Datasheet PDF - NXP Semiconductors

Part # 83C652
Download  83C652 Click to download

File Size   185.52 Kbytes
Page   22 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description CMOS single-chip 8-bit microcontrollers

83C652 Datasheet (HTML) - NXP Semiconductors


83C652 Product details

DESCRIPTION
The P80C652/83C652 Single-Chip 8-Bit Microcontroller is manufactured in an advanced CMOS process and is a derivative of the 80C51 microcontroller family. The 80C652/83C652 has the same instruction set as the 80C51. Three versions of the derivative exist:

83C652 — 8k bytes mask programmable ROM
80C652 — ROMless version
87C652 — EPROM version (described in a separate chapter)

This device provides architectural enhancements that make it applicable in a variety of applications for general control systems. The 8XC652 contains a non-volatile 8k × 8 read-only program memory, a volatile 256 × 8 read/write data memory, four 8-bit I/O ports, two 16-bit timer/event counters (identical to the timers of the 80C51), a multi-source, two-priority-level, nested interrupt structure, an I2C interface, UART and on-chip oscillator and timing circuits. For systems that require extra capability, the 8XC652 can be expanded using standard TTL compatible memories and logic.
The device also functions as an arithmetic processor having facilities for both binary and BCD arithmetic plus bit-handling capabilities. The instruction set consists of over 100 instructions: 49 one-byte, 45 two-byte and 17 three-byte. With a 16(24)MHz crystal, 58% of the instructions are executed in 0.75(0.5)µs and 40% in 1.5(1)µs. Multiply and divide instructions require 3(2)µs.

FEATURES
• 80C51 central processing unit
• 8k × 8 ROM expandable externally to 64k bytes
• 256 × 8 RAM, expandable externally to 64k bytes
• Two standard 16-bit timer/counters
• Four 8-bit I/O ports
• I2C-bus serial I/O port with byte oriented
   master and slave functions
• Full-duplex UART facilities
• Power control modes
   – Idle mode
   – Power-down mode
• ROM code protection
• Extended frequency range: 3.5 to 24 MHz
• Three operating ambient temperature ranges:
   0 to +70°C
   –40 to +85°C
   –40 to +125°C




Similar Part No. - 83C652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
83C652 PHILIPS-83C652 Datasheet
439Kb / 25P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
83C652 NXP-83C652 Datasheet
191Kb / 22P
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results


Similar Description - 83C652

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
80C31 PHILIPS-80C31 Datasheet
411Kb / 30P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 PHILIPS-80C652 Datasheet
439Kb / 25P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
OM5234 PHILIPS-OM5234 Datasheet
106Kb / 10P
CMOS single-chip 8-bit microcontrollers
1996 Nov 01
80C31X PHILIPS-80C31X Datasheet
280Kb / 22P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
logo
Samsung semiconductor
S3C9688 SAMSUNG-S3C9688 Datasheet
615Kb / 209P
8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
80C453 PHILIPS-80C453 Datasheet
262Kb / 23P
CMOS single-chip 8-bit microcontrollers
1996 Aug 15
logo
Samsung semiconductor
S380F7 SAMSUNG-S380F7 Datasheet
172Kb / 34P
8-bit single-chip CMOS microcontrollers
logo
NXP Semiconductors
87C54 PHILIPS-87C54 Datasheet
162Kb / 21P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
87C51FA PHILIPS-87C51FA Datasheet
19Kb / 1P
CMOS single-chip 8-bit microcontrollers
1996 Aug 16
80C652 NXP-80C652 Datasheet
191Kb / 22P
CMOS single-chip 8-bit microcontrollers
1997 Dec 05
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com