Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9053 Datasheet (PDF) - Renesas Technology Corp

DA9053 Datasheet PDF - Renesas Technology Corp
Part # DA9053
Download  DA9053 Download
File Size   4047.54 Kbytes
Page   185 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager

DA9053 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9053 Datasheet PDF - Renesas Technology Corp

Part # DA9053
Download  DA9053 Click to download

File Size   4047.54 Kbytes
Page   185 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Flexible High-Power System PMIC with 1.8 A Switching USB Power Manager

DA9053 Datasheet (HTML) - Renesas Technology Corp


DA9053 Product details

General Description
The DA9053 is a quad buck 1 A per channel PMIC subsystem with supply domain flexibility to
support a wide range of application processors, associated peripherals and user interface functions.
Combining a dual input switched-mode USB compatible charger, full power path management, four
bucks, ten linear regulators and support for multiple sleep modes: the DA9053 offers an energyoptimized solution suitable for portable handheld, wireless, industrial and infotainment applications.
The high-efficiency Li-lon/Polymer switching charger supports precise current/voltage charging as
well as pre-charge and USB modes without processor interaction. During charging, the die
temperature is thermally regulated enabling high-capacity batteries to be rapidly charged at currents
up to 1.8 A with minimum thermal impact. USB suspend mode operation is supported and, for
robustness, the power inputs are protected against over-voltage conditions.
The autonomous power-path controller seamlessly detects and manages energy flow between an AC
adaptor, USB cable, and battery while maintaining USB power specification compliance. The
internally-generated system power rail supports power scenarios such as instant-on with a fully
discharged battery. A reverse-protected backup battery charger is also integrated into the powerpath
function.
Controlled by a programmable digital power manager, the 14 user-programmable switched/linear
regulators can be configured to meet the start-up sequence, voltage, and timing requirements for
most applications. The power manager includes supply-rail qualification and system reset
management. For optimal processor energy-per-task performance, Dynamic Voltage Scaling (DVS)
is available on up to five supply domains. Dialog’s patented SmartMirror™ dynamic biasing is
implemented on all linear regulators.
An integrated 10-channel general purpose ADC includes support for a touch screen controller with
pen down detect, programmable high and low thresholds, an integrated current source for resistive
measurements, and system voltage monitoring with a programmable low-voltage warning. The ADC
has 8-bit resolution in auto-mode and 10-bit resolution in manual conversion mode.

Key Features
■ Switched DC/USB charger with power path
management
■ Four buck converters (three have DVS) 0.5 V
to 2.5 V up to 2 A
■ Ten programmable LDO’s, High PSRR, 1 %
accuracy
■ Low-power backup charger, 1.1 V to 3.1 V, up
to 6 mA
■ 32 kHz real time clock (RTC) with alarm wakeup
■ Ten channel general purpose ADC with touch
screen interface
■ High-voltage white LED driver boost, three
strings
■ Sixteen flexible GPIO pins for enhanced
wakeup and peripheral control
■ 2-wire and 4-wire control, 2-wire and 4-wire
control interfaces
■ System watchdog function
■ -40 °C to +125 °C junction temperature
operation
■ 7x7x1 mm 0.5 mm pitch and 11x11x1 mm
0.8 mm pitch VFBGA package options
■ AEC Q100 Grade 3 option




Similar Part No. - DA9053

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXC51 DIALOG-DA9053-XXC51 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXC52 DIALOG-DA9053-XXC52 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXHA1 DIALOG-DA9053-XXHA1 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9053-XXHA1-A DIALOG-DA9053-XXHA1-A Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
More results


Similar Description - DA9053

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4089-1 LINER-LTC4089-1 Datasheet
546Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089 Datasheet
393Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089 LINER-LTC4089_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-1 LINER-LTC4089-1_15 Datasheet
354Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-3 LINER-LTC4089-3_15 Datasheet
572Kb / 24P
USB Power Manager with High Voltage Switching Charger
LTC4089-5 LINER-LTC4089-5_15 Datasheet
360Kb / 24P
USB Power Manager with High Voltage Switching Charger
logo
Dialog Semiconductor
DA9053 DIALOG-DA9053 Datasheet
3Mb / 183P
Flexible High-Power System PMIC with Switching USB Power Manager
DA9052 DIALOG-DA9052 Datasheet
1Mb / 3P
Flexible system PMIC with high-efficiency USB power manager
DA9021 DIALOG-DA9021 Datasheet
2Mb / 142P
System PMIC with high efficiency USB power manager
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com