Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA9068 Datasheet (PDF) - Renesas Technology Corp

DA9068 Datasheet PDF - Renesas Technology Corp
Part # DA9068
Download  DA9068 Download
File Size   2472.31 Kbytes
Page   185 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Multi-Core Application Processors

DA9068 Datasheet (PDF)

Go To PDF Page Download Datasheet
DA9068 Datasheet PDF - Renesas Technology Corp

Part # DA9068
Download  DA9068 Click to download

File Size   2472.31 Kbytes
Page   185 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description System PMIC for Multi-Core Application Processors

DA9068 Datasheet (HTML) - Renesas Technology Corp


DA9068 Product details

General Description
DA9068 is a power management IC (PMIC) optimized for supplying systems with multi-core CPUs,
I/O, DDR memory, and peripherals.
DA9068 contains an integrated Power Management Controller (PMC) for multiple power supplies
(programmable LDO regulators and buck converters). DA9068 features a programmable power
sequencer that handles start-up and shut-down sequences. Power mode transitions can be triggered
with software control, GPIOs, or with the on-key. Several types of on-key presses can be detected to
trigger different power-mode transitions.
All 25 linear regulators use Dialog’s SmartMirror™ dynamic biasing technique which maintains high
performance over a wide range of operating conditions and a power saving mode to minimize the
quiescent current. The regulators have output voltages programmable via the device control
interface.
The eight buck converters do not require external Schottky diodes and offer a power saving mode
(PFM mode) for optimal light load efficiency. The DC-DC converters use either 2 MHz or 3 MHz
switching frequency giving high efficiency and allowing the use of small external inductors (down to
1 µH).
Dynamic voltage control (DVC) allows supply voltages of DA9068 to be controlled dynamically
according to the operating point of the system. The control can be realized via direct register writes
through the I2C interface or via GPIOs.
The real-time clock (RTC) with an external crystal oscillator provides time-keeping and alarm
functions. In addition, a watchdog timer is included for system monitoring purposes.
Furthermore, DA9068 contains a general purpose 12-bit analog-to-digital converter (GPADC) and
general purpose I/O pins (GPIO). These modules are implemented to support functions such as
battery voltage supervision and device over-temperature protection.
DA9068 can be completely controlled from the host by software writes to registers, which brings high
flexibility to the design of applications.

Key Features
■ Input voltage 2.8 V to 4.5 V
■ Eight buck converters with dynamic voltage
control
□ 2 x 4000 mA Dual-Phase
□ 1 x 1500 mA
□ 1 x 1000 mA
□ 3 x 600 mA
□ 1 x 1000 mA
■ 25 LDO regulators
□ 8 x 150 mA
□ 6 x 200 mA
□ 8 x 300 mA
□ 3 x 400 mA
■ Programmable power-mode sequencer
■ System supply and junction temperature
monitoring
■ 12-bit general purpose ADC
■ Coin cell or super-capacitor charger
■ Ultra-low-power real-time clock with alarm
■ 32 kHz oscillator with an external crystal
■ -30 °C to +85 °C temperature range
■ WLCSP, 4 mm x 6 mm, 0.4 mm pitch




Similar Part No. - DA9068

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
System PMIC for Multi-Core Application Processors
More results


Similar Description - DA9068

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_14 Datasheet
674Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 1, 15-May-13
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
logo
Dialog Semiconductor
DA9063 DIALOG-DA9063_17 Datasheet
2Mb / 219P
System PMIC for Mobile Application Processors
DA9068 DIALOG-DA9068 Datasheet
2Mb / 179P
System PMIC for Multi-Core Application Processors
logo
Active-Semi, Inc
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
logo
Dialog Semiconductor
DA9066 DIALOG-DA9066 Datasheet
3Mb / 255P
System PMIC for Dual/Quad-Core Processors
logo
Renesas Technology Corp
DA9066 RENESAS-DA9066 Datasheet
3Mb / 257P
System PMIC for Dual/Quad-Core Processors
21-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com