Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1192 Datasheet (PDF) - Renesas Technology Corp

F1192 Datasheet PDF - Renesas Technology Corp
Part # F1192
Download  F1192 Download
File Size   2789.36 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz

F1192 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1192 Datasheet PDF - Renesas Technology Corp

Part # F1192
Download  F1192 Click to download

File Size   2789.36 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz

F1192 Datasheet (HTML) - Renesas Technology Corp


F1192 Product details

GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1192 Dual Wideband, Gain-Settable, ZeroDistortionTM Flat-NoiseTM, RF to IF Downconverting Mixer.
The F1192 offers very low power consumption with
excellent linearity. In addition to this and the four
dynamically adjustable gain settings, the F1192
performance is exceptional across an extremely broad
range of RF and IF frequencies. All of this makes it
ideal for myriad applications including:
• 2G/3G/4G/5G/Multimode Remote Radio Units
• High order MIMO systems, µcells, picocells, DAS
• Point to Point µWave Backhaul systems
• Broadband Repeaters
• Public Safety Infrastructure
• Any radio system operating between 400 MHz and
4000 MHz

FEATURES
 RF range: 400MHz to 3800MHz
 LO range: 400MHz to 3600MHz
 IF Range: 50MHz to 600MHz
 Dual Path for MIMO
 4 Gain Settings; 11dB, 8dB, 5dB, 2dB
 2 bit gain step control
 Ideal for Multi-Carrier Systems
 +35dBm OIP3
 Low Noise Figure at any gain setting via IDT’s
FlatNoiseTM technology
 Z = 200 Ω IF balanced, 50 Ω RF, 50 Ω LO
single ended
 All internally matched. Single BOM for all RF,
LO and IF frequencies
 4 mm x 4 mm, 24-pin TQFN package
 Independent Path Standby mode
 75 nsec settling for gain adjustment
 VCC = 3.3V, 835 mW, 620 mW (low power
mode)




Similar Part No. - F1192

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192BEVBI RENESAS-F1192BEVBI Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192BNLGK RENESAS-F1192BNLGK Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192BNLGK8 RENESAS-F1192BNLGK8 Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
More results


Similar Description - F1192

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
F1792 IDT-F1792 Datasheet
2Mb / 32P
RF Wideband Gain-Settable e
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1792 RENESAS-F1792_V01 Datasheet
1Mb / 33P
RF Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
February 9, 2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com