Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1150 Datasheet (PDF) - Renesas Technology Corp

F1150 Datasheet PDF - Renesas Technology Corp
Part # F1150
Download  F1150 Download
File Size   4548.28 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.

F1150 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1150 Datasheet PDF - Renesas Technology Corp

Part # F1150
Download  F1150 Click to download

File Size   4548.28 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.

F1150 Datasheet (HTML) - Renesas Technology Corp


F1150 Product details

GENERAL DESCRIPTION
This document describes the specifications for the
IDTF1178 Zero-DistortionTM RF to IF Downconverting
Dual Mixer. This device is part of a series of mixers
offered with high side and/or low side injection options
for all UTRA bands. See the Part# Matrix for pin
compatible & feature compatible devices in this series.
The F1178 dual channel device is designed to operate
with a single 5V supply. It is optimized for operation in
a Multi-mode, Multi-carrier BaseStation Receiver for RF
bands from 3400MHz - 3800MHz with Low Side LO
injection. IF frequencies from 30MHz to 550MHz are
supported. Nominally, the device offers +37.5dBm
Output IP3 with 297mA of ICC.

FEATURES
• Dual Path for Diversity Systems
• Ideal for Multi-Carrier Systems
• 9dB Gain
• Ultra linear +37.5dBm IP3O
• 8.5dB NF
• 200 Ω output impedance
• High +11dBm P1dBI
• Pin & Feature Compatible
• 6mm x 6mm, 36-pin package
• Individual Path Standby Mode
• <400 nsec settling from Power Up
• ICC = 297mA




Similar Part No. - F1150

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1150 RENESAS-F1150 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1150 RENESAS-F1150 Datasheet
3Mb / 27P
RF to IF Dual Downconverting Mixer
Rev1, July 2012
F1150 RENESAS-F1150 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
RevO, Feb 2013
F1150 RENESAS-F1150 Datasheet
2Mb / 27P
RF to IF Dual Downconverting Mixer
Rev2, July 2012
F1150 RENESAS-F1150 Datasheet
2Mb / 21P
RF to IF Dual Downconverting Mixer
Rev1, June 2012
More results


Similar Description - F1150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SPNZ186 TI1-SPNZ186 Datasheet
144Kb / 43P
This document describes the known exceptions to the functional specifications for the device.
SPNZ187 TI1-SPNZ187 Datasheet
127Kb / 36P
This document describes the known exceptions to the functional specifications for the device.
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
F1162NBGI IDT-F1162NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
IDTF1650NLGI8 RENESAS-IDTF1650NLGI8 Datasheet
1Mb / 22P
This document describes specifications for the F1650NLGI Zero/Complex IF Modulator implementing Zero-DistortionTM technology for low power consumption with improved ACLR. This device interfaces directly to a high performance Tx dual DAC.
Rev1, March 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com