Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F1456 Datasheet (PDF) - Renesas Technology Corp

F1456 Datasheet PDF - Renesas Technology Corp
Part # F1456
Download  F1456 Download
File Size   9279.76 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Digital VGA 1500 MHz to 2950 MHz

F1456 Datasheet (PDF)

Go To PDF Page Download Datasheet
F1456 Datasheet PDF - Renesas Technology Corp

Part # F1456
Download  F1456 Click to download

File Size   9279.76 Kbytes
Page   30 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description TX Digital VGA 1500 MHz to 2950 MHz

F1456 Datasheet (HTML) - Renesas Technology Corp


F1456 Product details

The F1456 is a High Gain / High Linearity 1500MHz
to 2950MHz TX Digital Variable Gain Amplifier used
in transmitter applications.
The F1456 TX DVGA provides 32.1dB maximum
gain with +38dBm OIP3 and 3.9 dB noise figure. Up
to 31.5dB gain control is achieved using the
combination of a digital step attenuator (DSA) and a
KLINTM RF Digital Gain Amplifier. This device uses
a single 5V supply and 215mA of ICC.
This device is packaged in a 6 mm x 6 mm, 28-
VFQFPN with 50Ω single-ended RF input and RF
output impedances for ease of integration into the
signal-path.

Features
■ Broadband 1500MHz to 2950MHz
■ 32.1dB maximum gain
■ 3.9dB NF at maximum gain (2650MHz)
■ 31.5dB total gain control range, 0.5 dB step
■ < 2dB overshoot between gain transitions
■ Maintains flat +21.5dBm OP1dB for more than
13dB gain adjustment range
■ Maintains flat +38dBm OIP3 for more than 15dB
gain adjustment range
■ SPI interface for DSA control
■ Single 5V supply voltage
■ ICC = 215mA
■ Up to +105°C TCASE operating temperature
■ 50Ω input and output impedance
■ Standby mode for power savings
■ Pin compatible 700MHz and 2100MHz versions
■ 6 x 6 mm, 28-VFQFPN package




Similar Part No. - F1456

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
TX Digital VGA
logo
Cree, Inc
F14563 CREE-F14563 Datasheet
2Mb / 35P
Jenny series
logo
Ledil, Inc.
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
IESNA Type IV light distribution for wider roads and large outdoor areas
logo
Integrated Device Techn...
F1456EVBK IDT-F1456EVBK Datasheet
5Mb / 28P
TX Digital VGA
F1456EVSK IDT-F1456EVSK Datasheet
5Mb / 28P
TX Digital VGA
More results


Similar Description - F1456

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2411-A1S MICRONETICS-NMA2411-A1S Datasheet
146Kb / 1P
Legacy 10 MHz to 1500 MHz
NMA2411-A1T MICRONETICS-NMA2411-A1T Datasheet
345Kb / 2P
Legacy 10 MHz to 1500 MHz
NMA2411-A2S MICRONETICS-NMA2411-A2S Datasheet
201Kb / 2P
Legacy 10 MHz to 1500 MHz
NMA2411-A2T MICRONETICS-NMA2411-A2T Datasheet
318Kb / 2P
Legacy 10 MHz to 1500 MHz
NMA2411-B1T MICRONETICS-NMA2411-B1T Datasheet
333Kb / 2P
Legacy 10 MHz to 1500 MHz
NMA2411-B2S MICRONETICS-NMA2411-B2S Datasheet
357Kb / 2P
Legacy 10 MHz to 1500 MHz
NMA2411-B2T MICRONETICS-NMA2411-B2T Datasheet
357Kb / 2P
Legacy 10 MHz to 1500 MHz
logo
Teledyne Technologies I...
AC1529 TELEDYNE-AC1529 Datasheet
163Kb / 2P
10 TO 1500 MHz 10 TO 1500 MHz
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
TX Digital VGA 700 MHz to 1100 MHz
logo
Renesas Technology Corp
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
TX Digital VGA 1400 MHz to 2300 MHz
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com