Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PES10T4BG2 Datasheet (PDF) - Renesas Technology Corp

PES10T4BG2 Datasheet PDF - Renesas Technology Corp
Part # PES10T4BG2
Download  PES10T4BG2 Download
File Size   1170.2 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Lane 4-Port Gen2 PCI Express® Switch

PES10T4BG2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PES10T4BG2 Datasheet PDF - Renesas Technology Corp

Part # PES10T4BG2
Download  PES10T4BG2 Click to download

File Size   1170.2 Kbytes
Page   32 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Lane 4-Port Gen2 PCI Express® Switch

PES10T4BG2 Datasheet (HTML) - Renesas Technology Corp


PES10T4BG2 Product details

Features
◆ High Performance PCI Express Switch
– Ten 5 Gbps Gen2 PCI Express lanes
– Four switch ports
• One x4 upstream port
• Three x2 downstream ports
– Low latency cut-through switch architecture
– Support for Max Payload Size up to 2048 bytes
– One virtual channel
– Eight traffic classes
– PCI Express Base Specification Revision 2.0 compliant
– Implements the following optional PCI Express features
• Advanced Error Reporting (AER) on all ports
• End-to-End CRC (ECRC)
• Access Control Services (ACS)
• Power Budgeting Enhanced Capability
• Device Serial Number Enhanced Capability
• Sub-System ID and Sub-System Vendor ID Capability
• VGA and ISA enable
• L0s and L1 ASPM
• ARI ECN
◆ Flexible Architecture with Numerous Configuration Options
– Automatic per port link width negotiation to x4, x2 or x1
– Automatic lane reversal on all ports
– Automatic polarity inversion
– Ability to load device configuration from serial EEPROM
◆ On-Die Temperature Sensor
– Range of 0 to 127.5 degrees Celsius
– Three programmable temperature thresholds with over and
under temperature threshold alarms
– Automatic recording of maximum high or minimum low
temperature
◆ Legacy Support
– PCI compatible INTx emulation
– Bus locking
◆ Highly Integrated Solution
– Incorporates on-chip internal memory for packet buffering and
queueing




Similar Part No. - PES10T4BG2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
More results


Similar Description - PES10T4BG2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
89HPES16T4G2 IDT-89HPES16T4G2 Datasheet
570Kb / 32P
16-Lane 4-Port Gen2 PCI Express Switch
logo
Renesas Technology Corp
PES10T4G2 RENESAS-PES10T4G2 Datasheet
478Kb / 31P
10-Lane 4-Port Gen2 PCI Express® Switch
May 10, 2016
PES12T3BG2 RENESAS-PES12T3BG2 Datasheet
931Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
February 2, 2010
89HPES24T3G2 RENESAS-89HPES24T3G2 Datasheet
680Kb / 51P
24-Lane 3-Port Gen2 PCI Express® Switch
Revision 2.0
89HPES12T3G2 RENESAS-89HPES12T3G2 Datasheet
784Kb / 31P
12-Lane 3-Port Gen2 PCI Express® Switch
August 10, 2011
89HPES4T4G2 RENESAS-89HPES4T4G2 Datasheet
892Kb / 31P
4-Lane 4-Port Gen2 PCI Express® Switch
May 23, 2013
89HPES6T6G2 RENESAS-89HPES6T6G2 Datasheet
604Kb / 30P
6-Lane 6-Port Gen2 PCI Express® Switch
March 30, 2011
89HPES16T4AG2 RENESAS-89HPES16T4AG2 Datasheet
500Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES16T4G2 RENESAS-89HPES16T4G2 Datasheet
807Kb / 33P
16-Lane 4-Port Gen2 PCI Express® Switch
June 2, 2015
89HPES24T6G2 RENESAS-89HPES24T6G2 Datasheet
1Mb / 55P
24-Lane 6-Port Gen2 PCI Express® Switch
April 30, 2013
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com