Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH5504A2NA1 Datasheet (PDF) - Renesas Technology Corp

PH5504A2NA1 Datasheet PDF - Renesas Technology Corp
Part # PH5504A2NA1
Download  PH5504A2NA1 Download
File Size   250.68 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ambient Light Sensor

PH5504A2NA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH5504A2NA1 Datasheet PDF - Renesas Technology Corp

Part # PH5504A2NA1
Download  PH5504A2NA1 Click to download

File Size   250.68 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ambient Light Sensor

PH5504A2NA1 Datasheet (HTML) - Renesas Technology Corp


PH5504A2NA1 Product details

DESCRIPTION
The PH5504A2NA1 is an ambient light sensor with a photo diode and current amplifier. This product has spectral
characteristics close to human eye sensitivity and outputs light current proportional to the ambient brightness.
The PH5504A2NA1 can be used to improve the performance and reduce the power consumption of digital equipment
such as FPD-TV sets and mobile phones, by enabling automatic brightness control and automatic switching on and off
of lighting systems.
FEATURES
• Small and thin SON package 2.55 x 1.56 x 0.55 mm
• Spectral characteristics close to human eye sensitivity
Peak sensitivity wavelength 530 nm TYP.
• The impact of infrared light can be reduced by incorporating infrared light correction circuits.
• Output characteristics proportional to illuminance
• Output light current 55 μA TYP.@100 lx (Fluorescent light)
• Reduced variation of output current among light sources
• Low voltage operation VCC = 1.8 to 5.5 V
• Pb-free




Similar Part No. - PH5504A2NA1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PH5504A2NA1 CEL-PH5504A2NA1 Datasheet
582Kb / 12P
Ambient Light Sensor
PH5504A2NA1-E4 CEL-PH5504A2NA1-E4 Datasheet
582Kb / 12P
Ambient Light Sensor
PH5504A2NA1-E4-Y-A CEL-PH5504A2NA1-E4-Y-A Datasheet
582Kb / 12P
Ambient Light Sensor
logo
Renesas Technology Corp
PH5504A2NA1 RENESAS-PH5504A2NA1_15 Datasheet
251Kb / 13P
Ambient Light Sensor
More results


Similar Description - PH5504A2NA1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
Ambient Light Sensor
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
Ambient Light Sensor
logo
ON Semiconductor
NOA1305 ONSEMI-NOA1305 Datasheet
279Kb / 13P
Ambient Light Sensor
October, 2012 ??Rev. 0
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
Ambient Light Sensor
20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
Ambient Light Sensor
November, 2017 ??Rev. 4
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V01 Datasheet
144Kb / 6P
Ambient Light Sensor
08-Apr-14
TEMT6000X01 VISHAY-TEMT6000X01_V01 Datasheet
148Kb / 6P
Ambient Light Sensor
23-Aug-11
TEPT4400 VISHAY-TEPT4400_V01 Datasheet
106Kb / 5P
Ambient Light Sensor
30-Jun-16
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com