Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH561 Datasheet (PDF) - Renesas Technology Corp

PH561 Datasheet PDF - Renesas Technology Corp
Part # PH561
Download  PH561 Download
File Size   178.41 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED, HIGH SENSITIVITY PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR DVD, DVD-ROM, DVD-RAM

PH561 Datasheet (PDF)

Go To PDF Page Download Datasheet
PH561 Datasheet PDF - Renesas Technology Corp

Part # PH561
Download  PH561 Click to download

File Size   178.41 Kbytes
Page   6 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH SPEED, HIGH SENSITIVITY PHOTO DIODE INTERNAL I/V AMPLIFIER DETECTOR FOR DVD, DVD-ROM, DVD-RAM

PH561 Datasheet (HTML) - Renesas Technology Corp


PH561 Product details

DESCRIPTION
The PH561 is 8 elements photo diode built in I/V amplifiers for DVD, DVD-ROM, DVD-RAM. It is easy to adjust the
center of beam spot by using the Focus and Tracking input terminal, and possible to obtain high speed and high
sensitivity.
FEATURES
• High speed Frequency Response f = 27 MHz TYP.
• High sensitivity Output Voltage VOF = 150 mV, VOT = 500 mV
• Wide operating temperature range TA = –20 to +70 °C
• Small package 4.0 × 5.0 mm




Similar Part No. - PH561

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
PH5610-LF BOTHHAND-PH5610-LF Datasheet
506Kb / 2P
Cable interface for isolation and low common mode emissions.
More results


Similar Description - PH561

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IS1640 SHARP-IS1640 Datasheet
29Kb / 3P
OPIC Light Detector for DVD-ROM/DVD Player (2X Speed)
logo
Hitachi Semiconductor
HL6503MG HITACHI-HL6503MG Datasheet
40Kb / 8P
Visible High Power Laser Diode for DVD-RAM
HL6504FM HITACHI-HL6504FM Datasheet
41Kb / 8P
Visible High Power Laser Diode for DVD-RAM
logo
Rohm
BA5983FP ROHM-BA5983FP_1 Datasheet
470Kb / 7P
BTL Driver For DVD-ROM
RLD65MZT1 ROHM-RLD65MZT1 Datasheet
75Kb / 2P
DVD-ROM red laser diode
logo
ATMEL Corporation
ATR0874 ATMEL-ATR0874 Datasheet
137Kb / 7P
10-channel High Speed Photo Detector IC for DVD/CD
ATR1874 ATMEL-ATR1874 Datasheet
142Kb / 7P
10-channel High-speed Photo Detector IC for DVD/CD
logo
Rohm
BA5954FM ROHM-BA5954FM_1 Datasheet
102Kb / 6P
BLT Driver For DVD-ROM
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
Line amplifier for CD-ROM/DVD-ROM
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com