Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18581131 Datasheet (PDF) - Chicago Miniature Lamp,inc

18581131 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 18581131
Download  18581131 Download
File Size   293.9 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Lamps for Light Towers T61/3 (20x45mm) BA15d

18581131 Datasheet (PDF)

Go To PDF Page Download Datasheet
18581131 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 18581131
Download  18581131 Click to download

File Size   293.9 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Lamps for Light Towers T61/3 (20x45mm) BA15d

18581131 Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 18581131

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185811 FESTO-185811 Datasheet
96Kb / 1P
Air preparation unit
logo
PHOENIX CONTACT
1858112 PHOENIX-1858112 Datasheet
113Kb / 4P
FK-MCP 1,5/10-STF-3,81 BD:1-10
More results


Similar Description - 18581131

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1858035X CML-1858035X Datasheet
300Kb / 1P
LED Lamps for Light Towers T61/3 (20x45mm)BA15d with bridge rectifier
1858123X CML-1858123X Datasheet
293Kb / 1P
LED Lamps for Light Towers T61/3 (20x45mm) BA15d
logo
Marl International Limi...
240 MARL-240 Datasheet
202Kb / 4P
Direct replacement for BA15d
logo
Schneider Electric
DL1BDB1 SCHNEIDER-DL1BDB1 Datasheet
95Kb / 1P
WHITE LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDB3 SCHNEIDER-DL1BDB3 Datasheet
96Kb / 1P
GREEN LED BA15D 24VAC/DC
Aug 11, 2019
DL1BDG1 SCHNEIDER-DL1BDG1 Datasheet
96Kb / 1P
WHITE LED BA15D 120VAC
Aug 10, 2019
DL1BDG3 SCHNEIDER-DL1BDG3 Datasheet
88Kb / 1P
GREEN LED BA15D 120VAC
Aug 10, 2019
DL1BDG4 SCHNEIDER-DL1BDG4 Datasheet
88Kb / 1P
RED LED BA15D 120VAC
Aug 10, 2019
DL1BDG6 SCHNEIDER-DL1BDG6 Datasheet
96Kb / 1P
BLUE LED BA15D 120VAC
Aug 10, 2019
DL1BDB6 SCHNEIDER-DL1BDB6 Datasheet
96Kb / 1P
BLUE LED BA15D 24VAC/DC
Aug 11, 2019
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com