Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPA120 Datasheet (PDF) - PCA ELECTRONICS INC.

EPA120 Datasheet PDF - PCA ELECTRONICS INC.
Part # EPA120
Download  EPA120 Download
File Size   54.8 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 4 Line Common Mode Filter

EPA120 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPA120 Datasheet PDF - PCA ELECTRONICS INC.

Part # EPA120
Download  EPA120 Click to download

File Size   54.8 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 4 Line Common Mode Filter

EPA120 Datasheet (HTML) - PCA ELECTRONICS INC.


EPA120 Product details

4 Line Common Mode Filter
   
• Impedance limits per chart measured using HP4193A Vector
    Impedance Meter
• Package transfer-molded epoxy suitable for auto-insertion
• Part is symmetrical : May be inserted either way
• Temperature Rise 45°C Max. @ 25°C Ambient
• Maximum Current : 1 Adc/Winding
• Hipot : 300 Vac
   




Similar Part No. - EPA120

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
4 Line Common Mode Filter
logo
CUI INC
EPA120050-P5-SZ CUI-EPA120050-P5-SZ Datasheet
404Kb / 7P
linear adapter
EPA120050-S-T-SZ CUI-EPA120050-S-T-SZ Datasheet
755Kb / 7P
linear power supply
logo
List of Unclassifed Man...
EPA1200A ETC-EPA1200A Datasheet
31Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA1200A EXCELICS-EPA1200A Datasheet
31Kb / 2P
High Efficiency Heterojunction Power FET
More results


Similar Description - EPA120

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2165 PCA-EPA2165 Datasheet
34Kb / 1P
4 Line Common Mode Choke
EPA2165S PCA-EPA2165S Datasheet
25Kb / 1P
4 Line Common Mode Choke
logo
Accetek Electronics (Sh...
2CA ACCETEK-2CA Datasheet
313Kb / 4P
Common Mode Line Filter
logo
PCA ELECTRONICS INC.
EPA120-A120G PCA-EPA120-A120G_15 Datasheet
58Kb / 1P
4 Line Common Mode Filter
logo
XFMRS Inc.
XF0474-CMC125 XFMRS-XF0474-CMC125 Datasheet
51Kb / 1P
COMMON MODE LINE FILTER
logo
Abracon Corporation
ALFT-04 ABRACON-ALFT-04 Datasheet
819Kb / 2P
Common Mode Line Filter
03.12.14
logo
XFMRS Inc.
XF2506-CMC12 XFMRS-XF2506-CMC12 Datasheet
262Kb / 2P
COMMON MODE SMD LINE FILTER
XF0056-CMC125 XFMRS-XF0056-CMC125 Datasheet
51Kb / 1P
COMMON MODE LINE FILTER
logo
Abracon Corporation
ALFT-09V ABRACON-ALFT-09V Datasheet
1Mb / 3P
Common Mode Line Filter
01.02.14
logo
Semtech Corporation
ECLAMP8052P SEMTECH-ECLAMP8052P Datasheet
896Kb / 9P
2-Line Common Mode Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com