Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLPF-WB-02D3 Datasheet (PDF) - STMicroelectronics

MLPF-WB-02D3 Datasheet PDF - STMicroelectronics
Part # MLPF-WB-02D3
Download  MLPF-WB-02D3 Download
File Size   2318.02 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.4 GHz low pass filter matched to STM32WB5x and STM32WB1x in WLCSP and UFBGA packages

MLPF-WB-02D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MLPF-WB-02D3 Datasheet PDF - STMicroelectronics

Part # MLPF-WB-02D3
Download  MLPF-WB-02D3 Click to download

File Size   2318.02 Kbytes
Page   13 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2.4 GHz low pass filter matched to STM32WB5x and STM32WB1x in WLCSP and UFBGA packages

MLPF-WB-02D3 Datasheet (HTML) - STMicroelectronics


MLPF-WB-02D3 Product details

Features
• Integrated impedance matching to STM32WB5x and STM32WB1x in WLCSP
and UFBGA packages
• 50 Ω nominal impedance on antenna side
• Deep rejection harmonics filter
• Low insertion loss
• Small footprint
• Low profile ≤ 630 μm after reflow
• High RF performances
• RF BOM and area reduction
• ECOPACK2 compliant component

Applications
• Bluetooth 5
• OpenThread
• Zigbee®
• IEEE 802.15.4
• Optimized for STM32WB5x and STM32WB1x in WLCSP and UFBGA
packages

Description
The MLPF-WB-02D3 integrates an impedance matching network and harmonics
filter. The matching impedance network has been tailored to maximize the RF
performances of STM32WB5x and STM32WB1x in WLCSP and UFBGA packages.
This device uses STMicroelectronics IPD technology on non-conductive glass
substrate which optimizes RF performances.




Similar Part No. - MLPF-WB-02D3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MLPF-WB-01D3 STMICROELECTRONICS-MLPF-WB-01D3 Datasheet
767Kb / 13P
2.4 GHz low pass filter matched to STM32WBxx in UFQFPN and VFQFPN
17-Feb-2023
MLPF-WB-01E3 STMICROELECTRONICS-MLPF-WB-01E3 Datasheet
620Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and STM32WB30Cx
Rev 1 - October 2020
More results


Similar Description - MLPF-WB-02D3

ManufacturerPart #DatasheetDescription
logo
Johanson Technology Inc...
2442LP18A083 JOHANSON-2442LP18A083 Datasheet
229Kb / 2P
2.4 GHz Low Pass Filter
2450LP14B100 JOHANSON-2450LP14B100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP14A100 JOHANSON-2450LP14A100 Datasheet
68Kb / 2P
2.4 GHz Low Pass Filter
2450LP15A050 JOHANSON-2450LP15A050 Datasheet
115Kb / 2P
2.4 GHz Low Pass Filter
2400LP18A0200 JOHANSON-2400LP18A0200 Datasheet
211Kb / 2P
2.4 GHz Low Pass Filter
2442LP18A083E JOHANSON-2442LP18A083E Datasheet
113Kb / 2P
2.4 GHz Low Pass Filter
logo
Analog Devices
HMC881A AD-HMC881A Datasheet
621Kb / 11P
2.4 GHz to 4 GHz, Tunable Low-Pass Filter
4/2019-Revision 0
logo
STMicroelectronics
MLPF-WB-01E3 STMICROELECTRONICS-MLPF-WB-01E3 Datasheet
620Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx, STM32WB35Cx and STM32WB30Cx
Rev 1 - October 2020
MLPF-WB55-02E3 STMICROELECTRONICS-MLPF-WB55-02E3 Datasheet
995Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Vx
25-Nov-2022
MLPF-WB55-01E3 STMICROELECTRONICS-MLPF-WB55-01E3 Datasheet
574Kb / 13P
2.4 GHz low pass filter matched to STM32WB55Cx/Rx, STM32WB50Cx,STM32WB35Cx and STM32WB30Cx
25-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com