Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD3V3L2BT Datasheet (PDF) - Nexperia B.V. All rights reserved

PESD3V3L2BT Datasheet PDF - Nexperia B.V. All rights reserved
Part # PESD3V3L2BT
Download  PESD3V3L2BT Download
File Size   748.93 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance double bidirectional ESD protection diodes in SOT23

PESD3V3L2BT Datasheet (PDF)

Go To PDF Page Download Datasheet
PESD3V3L2BT Datasheet PDF - Nexperia B.V. All rights reserved

Part # PESD3V3L2BT
Download  PESD3V3L2BT Click to download

File Size   748.93 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low capacitance double bidirectional ESD protection diodes in SOT23

PESD3V3L2BT Datasheet (HTML) - Nexperia B.V. All rights reserved


PESD3V3L2BT Product details

1.1 General description
Low capacitance double bidirectional ElectroStatic Discharge (ESD) protection diodes in a
SOT23 small Surface Mounted Device (SMD) plastic package designed to protect two
signal lines from the damage caused by ESD and other transients.

1.2 Features
n ESD protection of two lines
n Max. peak pulse power: PPP = 350 W
n Low clamping voltage: VCL = 26 V
n Small SMD plastic package
n Ultra low leakage current: IRM < 90 nA
n ESD protection up to 23 kV
n IEC 61000-4-2, level 4 (ESD)
n IEC 61000-4-5 (surge); IPP = 15 A

1.3 Applications
n Computers and peripherals
n Audio and video equipment
n Cellular handsets and accessories
n Communication systems
n Portable electronics
n Subscriber Identity Module (SIM) card
protection




Similar Part No. - PESD3V3L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L2BT PHILIPS-PESD3V3L2BT Datasheet
179Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
PESD3V3L2BT NXP-PESD3V3L2BT Datasheet
189Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
Guangdong Youtai Semico...
PESD3V3L2BT UMW-PESD3V3L2BT Datasheet
402Kb / 3P
400 peak pulse power (tp =8/20μs)
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
More results


Similar Description - PESD3V3L2BT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
PESDXL1BA PHILIPS-PESDXL1BA Datasheet
179Kb / 15P
Low capacitance bidirectional ESD protection diodes in
Rev. 01-4 October 2004
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESDXL2BT NXP-PESDXL2BT Datasheet
189Kb / 14P
Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02-25 August 2009
logo
Pan Jit International I...
PJEC24MTA PANJIT-PJEC24MTA Datasheet
126Kb / 5P
LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
logo
NXP Semiconductors
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Pan Jit International I...
PJEC24MTA-AU PANJIT-PJEC24MTA-AU Datasheet
127Kb / 5P
LOW CAPACITANCE DOUBLE BIDIRECTIONAL ESD PROTECTION DIODES
July 5,2016-REV.00
logo
Nexperia B.V. All right...
PESD3V3L2BT-Q NEXPERIA-PESD3V3L2BT-Q Datasheet
235Kb / 10P
Low capacitance double bidirectional ESD protection diode in SOT23
19 May 2023
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com