Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87LPC767 Datasheet (PDF) - NXP Semiconductors

87LPC767 Datasheet PDF - NXP Semiconductors
Part # 87LPC767
Download  87LPC767 Download
File Size   320.08 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter

87LPC767 Datasheet (PDF)

Go To PDF Page Download Datasheet
87LPC767 Datasheet PDF - NXP Semiconductors

Part # 87LPC767
Download  87LPC767 Click to download

File Size   320.08 Kbytes
Page   60 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power, low price, low pin count 20 pin microcontroller with 4-kbyte OTP and 8-bit A/D converter

87LPC767 Datasheet (HTML) - NXP Semiconductors


87LPC767 Product details

GENERAL DESCRIPTION

The 87LPC767 is a 20-pin single-chip microcontroller designed for low pin count applications demanding high-integration, low cost solutions over a wide range of performance requirements. A member of the Philips low pin count family, the 87LPC767 offers programmable oscillator configurations for high and low speed crystals or RC operation, wide operating voltage range, programmable port output configurations, selectable Schmitt trigger inputs, LED drive outputs, and a built-in watchdog timer. The 87LPC767 is based on an accelerated 80C51 processor architecture that executes instructions at twice the rate of standard 80C51 devices.



FEATURES

• An accelerated 80C51 CPU provides instruction cycle times of 300–600 ns for all instructions except multiply and divide when executing at 20 MHz. Execution at up to 20 MHz when VDD = 4.5 V to 6.0 V, 10 MHz when VDD = 2.7 V to 6.0 V.

• Four-channel multiplexed 8-bit A/D converter. Conversion time of 9.3 µS at fOSC = 20 MHz.

• 2.7 V to 6.0 V operating range for digital functions.

• 4 K bytes EPROM code memory.

• 128 byte RAM data memory.

• 32-byte customer code EPROM allows serialization of devices, storage of setup parameters, etc.

• Two 16-bit counter/timers. Each timer may be configured to toggle a port output upon timer overflow.

• Two analog comparators.

• Full duplex UART.

• I2C communication port.

• Eight keypad interrupt inputs, plus two additional external interrupt inputs.

• Four interrupt priority levels.

• Watchdog timer with separate on-chip oscillator, requiring no external components. The watchdog timeout time is selectable from 8 values.

• Active low reset. On-chip power-on reset allows operation with no external reset components.

• Low voltage reset. One of two preset low voltage levels may be selected to allow a graceful system shutdown when power fails. May optionally be configured as an interrupt.

• Oscillator Fail Detect. The watchdog timer has a separate fully on-chip oscillator, allowing it to perform an oscillator fail detect function.

• Configurable on-chip oscillator with frequency range and RC oscillator options (selected by user programmed EPROM bits). The RC oscillator option allows operation with no external oscillator components.

• Programmable port output configuration options: quasi-bidirectional, open drain, push-pull, input-only.

• Selectable Schmitt trigger port inputs.

• LED drive capability (20 mA) on all port pins.

• Controlled slew rate port outputs to reduce EMI. Outputs have approximately 10 ns minimum ramp times.

• 15 I/O pins minimum. Up to 18 I/O pins using on-chip oscillator and reset options.

• Only power and ground connections are required to operate the 87LPC767 when fully on-chip oscillator and reset options are selected.

• Serial EPROM programming allows simple in-circuit production coding. Two EPROM security bits prevent reading of sensitive application programs.

• Idle and Power Down reduced power modes. Improved wakeup from Power Down mode (a low interrupt input starts execution). Typical Power Down current is 1 µA.

• 20-pin DIP and SO packages.



 




Similar Part No. - 87LPC767

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
More results


Similar Description - 87LPC767

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
87LPC762 PHILIPS-87LPC762 Datasheet
312Kb / 57P
Low power, low price, low pin count 20 pin microcontroller with 2 kbyte OTP
2001 Oct 26
87LPC764 PHILIPS-87LPC764 Datasheet
307Kb / 56P
Low power, low price, low pin count 20 pin microcontroller with 4 kbyte OTP
2001 Oct 26
87LPC768 PHILIPS-87LPC768 Datasheet
337Kb / 64P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D,and Pulse Width Modulator
2001 Aug 06
87LPC769 PHILIPS-87LPC769 Datasheet
306Kb / 61P
Low power, low price, low pin count 20 pin microcontroller with 4 kB OTP 8-bit A/D, and DAC
2001 Jan 11
P87LPC760 PHILIPS-P87LPC760 Datasheet
290Kb / 56P
Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 07
P87LPC761 PHILIPS-P87LPC761 Datasheet
299Kb / 58P
Low power, low price, low pin count (16 pin) microcontroller with 2 kbyte OTP
2002 Mar 07
P87LPC759 PHILIPS-P87LPC759 Datasheet
168Kb / 38P
Low power, low price, low pin count (14 pin) microcontroller with 1 kbyte OTP
2002 Mar 21
logo
ATMEL Corporation
AT83EB5114 ATMEL-AT83EB5114 Datasheet
1Mb / 95P
Low-pin-count 8-bit microcontroller with A/D converter
logo
NXP Semiconductors
P87LPC764 PHILIPS-P87LPC764 Datasheet
322Kb / 60P
Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
P87LPC764BN112 PHILIPS-P87LPC764BN112 Datasheet
329Kb / 60P
Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
2003 Sep 03
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com