Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709099L Datasheet (PDF) - Renesas Technology Corp

709099L Datasheet PDF - Renesas Technology Corp
Part # 709099L
Download  709099L Download
File Size   262.57 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709099L Datasheet (PDF)

Go To PDF Page Download Datasheet
709099L Datasheet PDF - Renesas Technology Corp

Part # 709099L
Download  709099L Click to download

File Size   262.57 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709099L Datasheet (HTML) - Renesas Technology Corp


709099L Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Industrial: 9ns (max.)
◆ Low-power operation
– IDT709099L
Active: 1.2W (typ.)
Standby: 2.5mW (typ.)
◆ Flow-Through or Pipelined output mode on either Port via
the FT/PIPE pins
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Full synchronous operation on both ports
– 4ns setup to clock and 0ns hold on all control, data, and
address inputs
– Data input, address, and control registers
– Fast 9ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 15ns cycle time, 66.7MHz operation in Pipelined output mode
◆ TTL- compatible, single 5V (±10%) power supply
◆ Available in a 100-pin Thin Quad Flatpack (TQFP) package
◆ Counter enable and reset features




Similar Part No. - 709099L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709099L12PFG IDT-709099L12PFG Datasheet
686Kb / 16P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709099L12PFG IDT-709099L12PFG Datasheet
192Kb / 16P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709099L12PFG8 IDT-709099L12PFG8 Datasheet
686Kb / 16P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709099L12PFG8 IDT-709099L12PFG8 Datasheet
192Kb / 16P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709099L12PFGI IDT-709099L12PFGI Datasheet
686Kb / 16P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Similar Description - 709099L

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7009 IDT-IDT7009 Datasheet
143Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359 Datasheet
302Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L Datasheet
184Kb / 15P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709199L IDT-IDT709199L Datasheet
178Kb / 15P
HIGH-SPEED 128K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L Datasheet
195Kb / 17P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT709099L IDT-IDT709099L_15 Datasheet
686Kb / 16P
HIGH-SPEED 128K x 8 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709359 IDT-IDT709359_15 Datasheet
685Kb / 15P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7009L IDT-IDT7009L_17 Datasheet
151Kb / 18P
HIGH-SPEED 128K x 8 DUAL-PORT STATIC RAM
IDT70V3379S IDT-IDT70V3379S_18 Datasheet
197Kb / 17P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709359 RENESAS-IDT709359 Datasheet
320Kb / 16P
HIGH-SPEED 8/4K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com