Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

709379 Datasheet (PDF) - Renesas Technology Corp

709379 Datasheet PDF - Renesas Technology Corp
Part # 709379
Download  709379 Download
File Size   360.06 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709379 Datasheet (PDF)

Go To PDF Page Download Datasheet
709379 Datasheet PDF - Renesas Technology Corp

Part # 709379
Download  709379 Click to download

File Size   360.06 Kbytes
Page   17 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM

709379 Datasheet (HTML) - Renesas Technology Corp


709379 Product details

Features
◆ True Dual-Ported memory cells which allow simultaneous
access of the same memory location
◆ High-speed clock to data access
– Commercial: 7.5/9/12ns (max.)
– Insustrial: 9ns (max.)
◆ Low-power operation
– IDT709379/69L
Active: 1.2W (typ.)
Standby: 2.5mW (typ.)
◆ Flow-Through or Pipelined output mode on either Port via
the FT/PIPE pins
◆ Counter enable and reset features
◆ Dual chip enables allow for depth expansion without
additional logic
◆ Full synchronous operation on both ports
– 4ns setup to clock and 0ns hold on all control, data, and
address inputs
– Data input, address, and control registers
– Fast 7.5ns clock to data out in the Pipelined output mode
– Self-timed write allows fast cycle time
– 10ns cycle time, 100MHz operation in Pipelined output mode
◆ Separate upper-byte and lower-byte controls for
multiplexed bus and bus matching compatibility
◆ TTL- compatible, single 5V (±10%) power supply
◆ Industrial temperature range (–40°C to +85°C) is
available for selected speeds
◆ Available in a 100-pin Thin Quad Flatpack (TQFP) package
◆ Green parts available, see ordering information




Similar Part No. - 709379

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
709379L12PFG IDT-709379L12PFG Datasheet
682Kb / 16P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709379L12PFG IDT-709379L12PFG Datasheet
210Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709379L12PFG8 IDT-709379L12PFG8 Datasheet
682Kb / 16P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709379L12PFG8 IDT-709379L12PFG8 Datasheet
210Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
709379L12PFGI IDT-709379L12PFGI Datasheet
682Kb / 16P
HIGH-SPEED SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results


Similar Description - 709379

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V9269 IDT-IDT70V9269 Datasheet
190Kb / 15P
HIGH-SPEED 3.3V 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369 IDT-IDT70V9369 Datasheet
193Kb / 15P
HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709379L9PF IDT-IDT709379L9PF Datasheet
187Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V3569S IDT-IDT70V3569S_14 Datasheet
180Kb / 17P
HIGH-SPEED 3.3V 16K x 36 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT70V9369L IDT-IDT70V9369L_16 Datasheet
713Kb / 17P
HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709379 IDT-IDT709379_18 Datasheet
210Kb / 16P
HIGH-SPEED 32/16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V9369 RENESAS-70V9369 Datasheet
510Kb / 18P
HIGH-SPEED 3.3V 16K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
NOVEMBER 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com