Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85222-01 Datasheet (PDF) - Renesas Technology Corp

85222-01 Datasheet PDF - Renesas Technology Corp
Part # 85222-01
Download  85222-01 Download
File Size   390.59 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS / LVTTL-to-Differential HSTL Translator

85222-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
85222-01 Datasheet PDF - Renesas Technology Corp

Part # 85222-01
Download  85222-01 Click to download

File Size   390.59 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual LVCMOS / LVTTL-to-Differential HSTL Translator

85222-01 Datasheet (HTML) - Renesas Technology Corp


85222-01 Product details

FEATURES
• Two differential HSTL outputs
• CLK0, CLK1 LVCMOS/LVTTL clock inputs
• CLK0 and CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 350MHz
• Part-to-part skew: 375ps (maximum)
• Propagation delay: 1075ps (maximum)
• VOH: 1.4V (maximum)
• Full 3.3V and 2.5V operating supply voltage
• 0°C to 70°C ambient operating temperature
• Industrial temperature information available upon request
• Available in lead-free RoHS-compliant package




Similar Part No. - 85222-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
More results


Similar Description - 85222-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85222-02 ICST-ICS85222-02 Datasheet
130Kb / 10P
1-TO-2 LVCMOS / LVTTL-TO DIFFERENTIAL HSTL TRANSLATOR
REV. A JANUARY 25, 2006
logo
Potato Semiconductor Co...
PO100HSTL22A POTATO-PO100HSTL22A Datasheet
520Kb / 6P
Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL50A POTATO-PO100HSTL50A Datasheet
690Kb / 8P
Dual Differential LVDS/LVPECL/HSTL to LVTTL Translator Dual LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
PO100HSTL180A POTATO-PO100HSTL180A Datasheet
692Kb / 8P
Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
logo
Integrated Device Techn...
85222-01 IDT-85222-01 Datasheet
184Kb / 14P
Dual LVCMOS / LVTTL-to-Differential HSTL Translator
85222-02 IDT-85222-02 Datasheet
211Kb / 12P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
ICS85222I-02 IDT-ICS85222I-02 Datasheet
257Kb / 12P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
logo
Renesas Technology Corp
85222-02 RENESAS-85222-02 Datasheet
364Kb / 13P
1-to-2, LVCMOS/LVTTL-to-Differential HSTL Translator
6/15/15
ICS85222I-02 RENESAS-ICS85222I-02 Datasheet
687Kb / 13P
1-to-2, LVCMOS/LVTTL- To- Differential HSTL Translator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com