Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

87993I Datasheet (PDF) - Renesas Technology Corp

87993I Datasheet PDF - Renesas Technology Corp
Part # 87993I
Download  87993I Download
File Size   427.5 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch

87993I Datasheet (PDF)

Go To PDF Page Download Datasheet
87993I Datasheet PDF - Renesas Technology Corp

Part # 87993I
Download  87993I Click to download

File Size   427.5 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1-to-5 Differential-to-3.3V LVPECL PLL Clock Driver W/Dynamic Clock Switch

87993I Datasheet (HTML) - Renesas Technology Corp


87993I Product details

FEATURES
• Five differential 3.3V LVPECL outputs
• Selectable differential clock inputs
• CLKx, nCLKx pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, HCSL, SSTL
• Output frequency range: 50MHz to 250MHz
• VCO range: 200MHz to 500MHz
• External feedback for “zero delay” clock regeneration
with confi gurable frequencies
• Cycle-to-cycle jitter (RMS): 20ps (maximum)
• Output skew: 70ps (maximum), within one bank
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-Free package available
• Pin compatible with MPC993




Similar Part No. - 87993I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8799 ETC2-8799 Datasheet
311Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
Keystone Electronics Co...
8799 KEYSTONE-8799 Datasheet
310Kb / 1P
MALE/FEMALE THREADED STANDOFFS
logo
List of Unclassifed Man...
8799-4 ETC2-8799-4 Datasheet
110Kb / 2P
HEX MALE/FEMALE STANDOFFS
More results


Similar Description - 87993I

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC993 MOTOROLA-MPC993 Datasheet
97Kb / 6P
Dynamic Switch PLL Clock Driver
logo
Integrated Circuit Syst...
ICS8735-01 ICST-ICS8735-01 Datasheet
287Kb / 17P
1:5 DIFFERENTIAL-TO-3.3V LVPECL ZERO DELAY CLOCK GENERATOR
REV. F NOVEMBER 12, 2004
logo
Exar Corporation
XRK7933 EXAR-XRK7933 Datasheet
233Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
XRK7988 EXAR-XRK7988 Datasheet
231Kb / 10P
INTELLIGENT DYNAMIC CLOCK SWITCH PLL CLOCK DRIVER
logo
Integrated Circuit Syst...
ICS87993I ICST-ICS87993I Datasheet
186Kb / 16P
1-TO-5 DIFFERENTIAL-TO-3.3V LVPECL PLL CLOCK DRIVER W/DYNAMIC CLOCK SWITCH
REV. B May 21, 2003
logo
Integrated Device Techn...
8735-31 IDT-8735-31_16 Datasheet
424Kb / 21P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
87354 IDT-87354 Datasheet
198Kb / 15P
Differential-to-3.3V LVPECL Clock Generator
logo
Renesas Technology Corp
8735-31 RENESAS-8735-31 Datasheet
620Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
8735BI-01 RENESAS-8735BI-01 Datasheet
610Kb / 22P
1:5, Differential-to-3.3V LVPECL Zero Delay Clock Generator
January 27, 2016
87354 RENESAS-87354 Datasheet
359Kb / 16P
÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com