Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR3AM-14B Datasheet (PDF) - Renesas Technology Corp

BCR3AM-14B Datasheet PDF - Renesas Technology Corp
Part # BCR3AM-14B
Download  BCR3AM-14B Download
File Size   386.5 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 3A - Triac Low Power Use

BCR3AM-14B Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR3AM-14B Datasheet PDF - Renesas Technology Corp

Part # BCR3AM-14B
Download  BCR3AM-14B Click to download

File Size   386.5 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 3A - Triac Low Power Use

BCR3AM-14B Datasheet (HTML) - Renesas Technology Corp


BCR3AM-14B Product details

Features
• IT (RMS): 3 A (non-continuous)
• VDRM: 800 V (Tj = 125°C)
• IFGTI, IRGTI, IRGT III: 30 mA
• Tj: 150 °C
• Planar Passivation Type
• RoHS Compliant
• Halogen-free (PRSS0003DJ-A)
• Completely Pb-free (PRSS0003DJ-A)




Similar Part No. - BCR3AM-14B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR3AM-14B RENESAS-BCR3AM-14B_15 Datasheet
144Kb / 10P
Triac Low Power Use
More results


Similar Description - BCR3AM-14B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR1AM-14A RENESAS-BCR1AM-14A Datasheet
69Kb / 4P
700V-1A-Triac Low Power Use
BCR08AS-14A RENESAS-BCR08AS-14A Datasheet
68Kb / 4P
700V - 0.8A - Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_13 Datasheet
105Kb / 7P
700V-0.8A-Triac Low Power Use
BCR08ES-14A RENESAS-BCR08ES-14A Datasheet
102Kb / 4P
700V - 0.8A - Triac Low Power Use
BCR3FM-14LB RENESAS-BCR3FM-14LB Datasheet
62Kb / 4P
700V - 3A - Triac Medium Power Use
BCR1AM-14A RENESAS-BCR1AM-14A_15 Datasheet
113Kb / 7P
700V-1A-Triac Low Power Use
BCR08DS-14A RENESAS-BCR08DS-14A_15 Datasheet
275Kb / 8P
700V-0.8A-Triac Low Power Use
BCR08AM-14A RENESAS-BCR08AM-14A_15 Datasheet
100Kb / 7P
700V-0.8A-Triac Low Power Use
BCR3FM-14LB RENESAS-BCR3FM-14LB_15 Datasheet
62Kb / 4P
700V - 3A - Triac Medium Power Use
BCR3AS-14B RENESAS-BCR3AS-14B Datasheet
447Kb / 8P
700V - 3A - Triac Low Power Use
May. 10, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com