Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74990214400 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74990214400 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74990214400
Download  74990214400 Download
File Size   436.64 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-RJ45 LAN Transformer 10/100Base-T

74990214400 Datasheet (PDF)

Go To PDF Page Download Datasheet
74990214400 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74990214400
Download  74990214400 Click to download

File Size   436.64 Kbytes
Page   6 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-RJ45 LAN Transformer 10/100Base-T

74990214400 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74990214400 Product details

General Information:
It is recommended that the temperature of the component does not exceed +85°C under worst case conditions
Operating Temperature -40 up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Mating Cycle 750
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Compliant with IEEE 802.3u




Similar Part No. - 74990214400

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7499021002A WURTH-7499021002A Datasheet
189Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100BaseT
7499021125 WURTH-7499021125 Datasheet
206Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100BaseT
More results


Similar Description - 74990214400

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7498011122R WURTH-7498011122R Datasheet
295Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100Base-T
7498011211 WURTH-7498011211 Datasheet
330Kb / 3P
LAN-Transformer WE-RJ45LAN 10/100Base-T
logo
Taoglas antenna solutio...
TM1198NL TAOGLAS-TM1198NL Datasheet
883Kb / 9P
LAN Transformer 10/100Base-T
2022-11-08
TM1234NL TAOGLAS-TM1234NL Datasheet
880Kb / 9P
LAN Transformer 10/100Base-T Quad
2022-11-08
logo
Wurth Elektronik GmbH &...
7490140123 WURTH-7490140123 Datasheet
551Kb / 6P
WE-LAN 10/100Base-T SMT Transformer 1 Port
002.000
7499011448 WURTH-7499011448 Datasheet
429Kb / 6P
WE-RJ45 LAN Transformer 10/100Base-T
001.000
74991104403 WURTH-74991104403 Datasheet
429Kb / 6P
WE-RJ45 LAN Transformer
001.000
74991114410 WURTH-74991114410 Datasheet
432Kb / 6P
WE-RJ45 LAN Transformer 1000 Base-T
001.000
74991204400 WURTH-74991204400 Datasheet
440Kb / 6P
WE-RJ45 LAN Transformer
001.000
74991214400 WURTH-74991214400 Datasheet
452Kb / 6P
WE-RJ45 LAN Transformer
001.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com