Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPF8119S Datasheet (PDF) - PCA ELECTRONICS INC.

EPF8119S Datasheet PDF - PCA ELECTRONICS INC.
Part # EPF8119S
Download  EPF8119S Download
File Size   29.82 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 10/100Base-TX Interface Module for NIC/HUB Applications

EPF8119S Datasheet (PDF)

Go To PDF Page Download Datasheet
EPF8119S Datasheet PDF - PCA ELECTRONICS INC.

Part # EPF8119S
Download  EPF8119S Click to download

File Size   29.82 Kbytes
Page   1 Pages
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.
Description 10/100Base-TX Interface Module for NIC/HUB Applications

EPF8119S Datasheet (HTML) - PCA ELECTRONICS INC.


EPF8119S Product details

10/100Base-TX Interface Module for NIC/HUB Applications

• Robust construction allows for toughest soldering processes
• Guaranteed to operate with 8 mA DC bias at 70°C on Cable Side
• Complies with or exceeds IEEE 802.3, 10/100Base-TX Standards
• Add “-RC” after part number for RoHS Compliant
• Operating Temperature : 0°C to +70°C
• Wire Insulation Class : MW 80C
• 1500 Vrms Isolation




Similar Part No. - EPF8119S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8119S PCA-EPF8119S Datasheet
30Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119S-RC PCA-EPF8119S-RC Datasheet
30Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119S-RC PCA-EPF8119S-RC_15 Datasheet
30Kb / 1P
10/100Base-TX Interface Module
EPF8119SE PCA-EPF8119SE Datasheet
35Kb / 1P
10/100Base-TX Interface Module
EPF8119SER PCA-EPF8119SER Datasheet
23Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
More results


Similar Description - EPF8119S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPF8106S PCA-EPF8106S Datasheet
22Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8024G PCA-EPF8024G_09 Datasheet
119Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8044G PCA-EPF8044G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8051G PCA-EPF8051G Datasheet
25Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8092G PCA-EPF8092G Datasheet
154Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8100S PCA-EPF8100S Datasheet
26Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8119SER PCA-EPF8119SER Datasheet
23Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8119SH PCA-EPF8119SH Datasheet
45Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
EPF8122S PCA-EPF8122S Datasheet
47Kb / 1P
10/100 LAN Interface Module for NIC/HUB Applications
EPF8119S PCA-EPF8119S_07 Datasheet
30Kb / 1P
10/100Base-TX Interface Module for NIC/HUB Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com