Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2761-1 Datasheet (PDF) - Renesas Technology Corp

PS2761-1 Datasheet PDF - Renesas Technology Corp
Part # PS2761-1
Download  PS2761-1 Download
File Size   261.14 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER

PS2761-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2761-1 Datasheet PDF - Renesas Technology Corp

Part # PS2761-1
Download  PS2761-1 Click to download

File Size   261.14 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER

PS2761-1 Datasheet (HTML) - Renesas Technology Corp


PS2761-1 Product details

DESCRIPTION
The PS2761-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
This package is mounted in a plastic SOP (Small Outline Package) for high density applications.
The package has shield effect to cut off ambient light.
FEATURES
• Isolation distance (0.4 mm MIN.)
• High isolation voltage (BV = 3 750 Vr.m.s.)
• SOP (Small Outline Package) type
• High-speed switching (tr = 4 µs TYP., tf = 5 µs TYP.)
• Ordering number of taping product: PS2761-1-F3, F4
• UL approved: File No. E72422 (S)
• BSI approved: No. 8436/8437




Similar Part No. - PS2761-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2761-1-A CEL-PS2761-1-A Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2761-1-F3 NEC-PS2761-1-F3 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2761-1-F3 CEL-PS2761-1-F3 Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results


Similar Description - PS2761-1

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2761-1 CEL-PS2761-1 Datasheet
346Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com