Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS2805-4 Datasheet (PDF) - Renesas Technology Corp

PS2805-4 Datasheet PDF - Renesas Technology Corp
Part # PS2805-4
Download  PS2805-4 Download
File Size   5316.29 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER

PS2805-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS2805-4 Datasheet PDF - Renesas Technology Corp

Part # PS2805-4
Download  PS2805-4 Click to download

File Size   5316.29 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER

PS2805-4 Datasheet (HTML) - Renesas Technology Corp


PS2805-4 Product details

DESCRIPTION
The PS2805-1 and PS2805-4 are optically coupled isolators containing GaAs light emitting diodes and an
NPN silicon phototransistor in a plastic SSOP for high density applications.
This package has shield effect to cut off ambient light.
FEATURES
 High isolation voltage (BV = 2 500 Vr.m.s.)
 Small and thin package (4,16-pin SSOP, Pin pitch 1.27 mm)
 High collector to emitter voltage (VCEO = 80 V)
 AC input response
 High-speed switching (tr = 3 s TYP., tf = 5s TYP.)
 Ordering number of tape product: PS2805-1-F3, PS2805-4-F3
 Pb-Free product
 Safety standards
 UL approved: UL1577, Single protection
 CSA approved: CAN/CSA-C22.2 No. 62368-1, Basic/Supplementary insulation
 BSI approved: BS EN 62368-1, Basic/Supplementary insulation
 VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS2805-4

ManufacturerPart #DatasheetDescription
logo
NEC
PS2805-4 NEC-PS2805-4 Datasheet
135Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805-4 RENESAS-PS2805-4 Datasheet
198Kb / 14P
PS2805-1_15v
logo
NEC
PS2805-4-F3 NEC-PS2805-4-F3 Datasheet
135Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805-4-F3 RENESAS-PS2805-4-F3 Datasheet
198Kb / 14P
PS2805-1_15v
More results


Similar Description - PS2805-4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
High Isolation Voltage AC Input Response Type SSOP Photocoupler
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
High Isolation Voltage AC Input Response Type SSOP Photocoupler
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
High Isolation Voltage DC Input Response Type SSOP Photocoupler
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2805C-1-A ETC2-PS2805C-1-A Datasheet
381Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com