Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7801F-1A Datasheet (PDF) - Renesas Technology Corp

PS7801F-1A Datasheet PDF - Renesas Technology Corp
Part # PS7801F-1A
Download  PS7801F-1A Download
File Size   168.63 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET Solid State Relay OCMOS FET PS7801F-1A Document No. PN10738EJ01V0DS (1st edition) Date Published November 2008 NS Printed in Japan −

PS7801F-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7801F-1A Datasheet PDF - Renesas Technology Corp

Part # PS7801F-1A
Download  PS7801F-1A Click to download

File Size   168.63 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET Solid State Relay OCMOS FET PS7801F-1A Document No. PN10738EJ01V0DS (1st edition) Date Published November 2008 NS Printed in Japan −

PS7801F-1A Datasheet (HTML) - Renesas Technology Corp


PS7801F-1A Product details

DESCRIPTION
The PS7801F-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side
(input side) and MOS FETs on the output side.
An ultra small flat-lead package has been provided which realizes a reduction in mounting area of about 50%
compared with the PS72xx series.
It is suitable for high-frequency signal control, due to its low C × R, low output capacitance, and low off-state
leakage current.
FEATURES
• Ultra small flat-lead package (4.2 (L) × 2.5 (W) × 1.85 (H) mm)
• Low C × R (C × R = 8.6 pF • Ω)
• Low output capacitance (Cout = 0.9 pF TYP.)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Ordering number of taping product: PS7801F-1A-F3: 3 500 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: No. E72422




Similar Part No. - PS7801F-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801F-1A-A NEC-PS7801F-1A-A Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801F-1A-A CEL-PS7801F-1A-A Datasheet
204Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
NEC
PS7801F-1A-F3 NEC-PS7801F-1A-F3 Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
More results


Similar Description - PS7801F-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801-1A NEC-PS7801-1A Datasheet
102Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A NEC-PS7802-1A Datasheet
101Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7801D-1A NEC-PS7801D-1A_1 Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.6 pF) 1-ch Optical Coupled MOS FET
PS7801F-1A NEC-PS7801F-1A Datasheet
94Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7901D-1A RENESAS-PS7901D-1A Datasheet
200Kb / 9P
.NEPOC Series. (OCMOS FET) 4-PIN SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.75 pF) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801-1A CEL-PS7801-1A Datasheet
202Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7801F-1A CEL-PS7801F-1A Datasheet
204Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (0.9 pF) 1-ch Optical Coupled MOS FET
PS7802-1A CEL-PS7802-1A Datasheet
342Kb / 14P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE (1.6 pF), 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7801-1A RENESAS-PS7801-1A_15 Datasheet
226Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
PS7802-1A RENESAS-PS7802-1A Datasheet
255Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW OUTPUT CAPACITANCE 1-ch Optical Coupled MOS FET
April 1st, 2010
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com