Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS7902-1A Datasheet (PDF) - Renesas Technology Corp

PS7902-1A Datasheet PDF - Renesas Technology Corp
Part # PS7902-1A
Download  PS7902-1A Download
File Size   209.97 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SMALL FLAT-LEAD, LOW C × R (11.6 pF • Ω) 1-ch Optical Coupled MOS FET

PS7902-1A Datasheet (PDF)

Go To PDF Page Download Datasheet
PS7902-1A Datasheet PDF - Renesas Technology Corp

Part # PS7902-1A
Download  PS7902-1A Click to download

File Size   209.97 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-PIN SMALL FLAT-LEAD, LOW C × R (11.6 pF • Ω) 1-ch Optical Coupled MOS FET

PS7902-1A Datasheet (HTML) - Renesas Technology Corp


PS7902-1A Product details

DESCRIPTION
The PS7902-1A is a low output capacitance solid state relay containing a GaAs LED on the light emitting side (input
side) and MOS FETs on the output side.
A small flat-lead package has been provided which realizes a reduction in mounting area of about 50% compared with
the PS78xx series.
It is suitable for high-frequency signal control, due to its low C × R, low output capacitance, and low off-state leakage
current.
FEATURES
• Small flat-lead package (2.5 (L) × 2.3 (W) × 2.9 (H) mm)
• Low C × R (C × R = 11.6 pF • Ω)
• Low on-state resistance (Ron = 1.1 Ω TYP.)
• High pass characteristics (ERT = 36 ps TYP.)
• 1 channel type (1 a output)
• Designed for AC/DC switching line changer
• Low offset voltage
• Embossed tape product : PS7902-1A-F3 : 3 500 pcs/reel
• Pb-Free product




Similar Part No. - PS7902-1A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7902-1A CEL-PS7902-1A Datasheet
1Mb / 7P
4-PIN SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
More results


Similar Description - PS7902-1A

ManufacturerPart #DatasheetDescription
logo
NEC
PS7801E-1A NEC-PS7801E-1A Datasheet
114Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
PS7801J-1A NEC-PS7801J-1A Datasheet
112Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF • 廓) 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7801E-1A CEL-PS7801E-1A Datasheet
200Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R, 1-ch Optical Coupled MOS FET
PS7802B-1A CEL-PS7802B-1A Datasheet
214Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (6.3 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801M-1A CEL-PS7801M-1A Datasheet
200Kb / 13P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3.4 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801J-1A_V1 CEL-PS7801J-1A_V1 Datasheet
279Kb / 14P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C 횞 R (3 pF ??廓) 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7902-1A RENESAS-PS7902-1A_15 Datasheet
210Kb / 10P
4-PIN SMALL FLAT-LEAD, LOW C 횞 R (11.6 pF ??廓) 1-ch Optical Coupled MOS FET
PS7801E-1A RENESAS-PS7801E-1A Datasheet
268Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R, 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7801J-1A RENESAS-PS7801J-1A Datasheet
202Kb / 15P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (3 pF • Ω) 1-ch Optical Coupled MOS FET
April 1st, 2010
PS7802B-1A RENESAS-PS7802B-1A Datasheet
226Kb / 10P
4-PIN ULTRA SMALL FLAT-LEAD, LOW C × R (6.3 pF • Ω) 1-ch Optical Coupled MOS FET
2008
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com