Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9307AL Datasheet (PDF) - Renesas Technology Corp

PS9307AL Datasheet PDF - Renesas Technology Corp
Part # PS9307AL
Download  PS9307AL Download
File Size   249.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER

PS9307AL Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9307AL Datasheet PDF - Renesas Technology Corp

Part # PS9307AL
Download  PS9307AL Click to download

File Size   249.59 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER

PS9307AL Datasheet (HTML) - Renesas Technology Corp


PS9307AL Product details

DESCRIPTION
The PS9307AL and PS9307AL2 are optical coupled isolators containing an AlGaAs LED on the input side
and a photo diode, a signal processing circuit and power MOSFETs on the output side on one chip.
The PS9307AL and PS9307AL2 are in 6-pin plastic SDIP (Shrink Dual In-line Package). The PS9307AL2
has 8 mm creepage distance. The mount area of 6-pin plastic SDIP is half size of 8-pin DIP.
The PS9307AL and PS9307AL2 are designed specifically for high common mode transient immunity (CMR)
and high switching speed. It is suitable for driving IGBTs and MOS FETs.
The PS9307AL is lead bending type (Gull-wing) for surface mounting.
The PS9307AL2 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• Long creepage distance (8 mm MIN.: PS9307AL2)
• Half size of 8-pin DIP
• Peak output current (0.6 A MAX., 0.4 A MIN.)
• High speed switching (tPLH − tPHL = 150 ns MAX.)
• High common mode transient immunity (CMH, CML = ± 50 kV/µs MIN.)
• Operating Ambient Temperature (125 °C)
• Embossed tape product : PS9307AL-E3, PS9307AL2-E3: 2 000 pcs/reel
• Pb-Free product
• Safety standards
• UL approved: UL1577, Double protection
• CSA approved: CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• SEMKO approved: EN 62368-1, IEC 62368-1, Reinforced insulation
• VDE approved: DIN EN 60747-5-5 (Option)




Similar Part No. - PS9307AL

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL2 CEL-PS9307AL2 Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL2 RENESAS-PS9307AL2 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results


Similar Description - PS9307AL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9306L RENESAS-PS9306L Datasheet
330Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L Datasheet
288Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9306L CEL-PS9306L Datasheet
3Mb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9308L CEL-PS9308L Datasheet
992Kb / 22P
2.0 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L CEL-PS9307L Datasheet
1Mb / 6P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9307AL RENESAS-PS9307AL_15 Datasheet
372Kb / 20P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9306L RENESAS-PS9306L_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9307L RENESAS-PS9307L_15 Datasheet
281Kb / 14P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com