Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS9801 Datasheet (PDF) - Renesas Technology Corp

PS9801 Datasheet PDF - Renesas Technology Corp
Part # PS9801
Download  PS9801 Download
File Size   195.53 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER

PS9801 Datasheet (PDF)

Go To PDF Page Download Datasheet
PS9801 Datasheet PDF - Renesas Technology Corp

Part # PS9801
Download  PS9801 Click to download

File Size   195.53 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER

PS9801 Datasheet (HTML) - Renesas Technology Corp


PS9801 Product details

DESCRIPTION
The PS9801 is an optically coupled isolator containing a GaAlAs LED on the input side and a photo diode, a signal
processing circuit and a power output transistor on the output side on one chip.
The PS9801 is designed specifically for high common mode transient immunity (CMR) and high switching speed. It
is suitable for driving IGBTs and MOS FETs.
FEATURES
• Peak output current (0.6 A MAX., 0.4 A MIN.)
• High speed switching (tPLH, tPHL = 0.65 μs MAX.)
• High common mode transient immunity (CMH, CML = ±25 kV/μs MIN.)
• Pb-Free product




Similar Part No. - PS9801

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9801 CEL-PS9801 Datasheet
211Kb / 8P
0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
More results


Similar Description - PS9801

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9506 RENESAS-PS9506 Datasheet
344Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
logo
California Eastern Labs
PS9801 CEL-PS9801 Datasheet
211Kb / 8P
0.6 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE 8-PIN SSOP (SO-8) PHOTOCOUPLER
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
PS9506 CEL-PS9506 Datasheet
3Mb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9307AL CEL-PS9307AL Datasheet
2Mb / 12P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9306L_15 RENESAS-PS9306L_15_15 Datasheet
322Kb / 21P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PS9506 RENESAS-PS9506_15 Datasheet
336Kb / 22P
0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 8-PIN DIP PHOTOCOUPLER
PS9552 RENESAS-PS9552_15 Datasheet
354Kb / 24P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com