Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LP0408D Datasheet (PDF) - Renesas Technology Corp

R1LP0408D Datasheet PDF - Renesas Technology Corp
Part # R1LP0408D
Download  R1LP0408D Download
File Size   292.73 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4Mb Advanced LPSRAM (512-kword × 8-bit)

R1LP0408D Datasheet (PDF)

Go To PDF Page Download Datasheet
R1LP0408D Datasheet PDF - Renesas Technology Corp

Part # R1LP0408D
Download  R1LP0408D Click to download

File Size   292.73 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4Mb Advanced LPSRAM (512-kword × 8-bit)

R1LP0408D Datasheet (HTML) - Renesas Technology Corp


R1LP0408D Product details

Description
The R1LP0408D Series is a family of 4-Mbit static RAMs organized 512-kword × 8-bit, fabricated by Renesas’s
high-performance CMOS and TFT technologies. The R1LP0408D Series has realized higher density, higher
performance and low power consumption. The R1LP0408D Series offers low power standby power dissipation;
therefore, it is suitable for battery backup systems. It is offered in 32-pin SOP and 32-pin TSOP.
Features
• Single 5V supply: 4.5V to 5.5V
• Access time: 55/70ns (max)
• Power dissipation:
── Standby: 4µW (typ)
• Equal access and cycle times
• Common data input and output
── Three state output
• Directly TTL compatible
── All inputs and outputs
• Battery backup operation




Similar Part No. - R1LP0408D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0408D RENESAS-R1LP0408D Datasheet
377Kb / 13P
4Mb Advanced LPSRAM (512-kword × 8-bit)
2019.10.29
R1LP0408DSB-5SI#B RENESAS-R1LP0408DSB-5SI#B Datasheet
377Kb / 13P
4Mb Advanced LPSRAM (512-kword × 8-bit)
2019.10.29
R1LP0408DSB-5SI#B* RENESAS-R1LP0408DSB-5SI#B* Datasheet
293Kb / 13P
4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408DSB-5SI#B1 RENESAS-R1LP0408DSB-5SI#B1 Datasheet
380Kb / 13P
4Mb Advanced LPSRAM
R1LP0408DSB-5SI#S RENESAS-R1LP0408DSB-5SI#S Datasheet
377Kb / 13P
4Mb Advanced LPSRAM (512-kword × 8-bit)
2019.10.29
More results


Similar Description - R1LP0408D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
4Mb Advanced LPSRAM
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0414E RENESAS-RMLV0414E_15 Datasheet
360Kb / 14P
4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_15 Datasheet
368Kb / 15P
4Mb Advanced LPSRAM (256-kword 횞 16-bit)
R1LP0408D RENESAS-R1LP0408D_15 Datasheet
293Kb / 13P
4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_16 Datasheet
475Kb / 15P
4Mb Advanced LPSRAM (256-kword 횞 16-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com