Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSM Datasheet (PDF) - Cornell Dubilier Electronics

DSM Datasheet PDF - Cornell Dubilier Electronics
Part # DSM
Download  DSM Download
File Size   432.37 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly

DSM Datasheet (PDF)

Go To PDF Page Download Datasheet
DSM Datasheet PDF - Cornell Dubilier Electronics

Part # DSM
Download  DSM Click to download

File Size   432.37 Kbytes
Page   4 Pages
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics
Description AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly

DSM Datasheet (HTML) - Cornell Dubilier Electronics


DSM Product details

Type DSM Standard Supercapacitor Modules provide a wide range of capacitance values and voltages to enable simple, rapid implementation into any system. Each module features an insulated construction with integrated cell balancing, cable assembly with a Molex Mini-Lock connector, and 85 ºC rated supercapacitor cells.

Highlights
•Standard, stocked modules, great for prototyping.
•Wide operating temperatures compared to Li-batteries
•Voltages up to 30 Vdc, capacitance from 0.15 to 36.6 Farads
•Safe, green alternative to Li-ion batteries
•Each module has voltage balancing
•REACH and RoHS compliant
•UL 810A recognized cells
•Custom designs available




Similar Part No. - DSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
logo
StarHope
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
logo
Murata Power Solutions ...
DSM MURATA-PS-DSM Datasheet
301Kb / 9P
Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
logo
Yamaichi Electronics Co...
DSM-09P-G2-V YAMAICHI-DSM-09P-G2-V Datasheet
72Kb / 2P
90째 SMT Type
DSM-09P-G2-V-PC99 YAMAICHI-DSM-09P-G2-V-PC99 Datasheet
72Kb / 2P
90째 SMT Type
More results


Similar Description - DSM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6507 POMONA-6507 Datasheet
27Kb / 1P
Standard Weco Cable Assembly
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
List of Unclassifed Man...
M254032FV ETC2-M254032FV Datasheet
412Kb / 3P
Eight standard circuit configurations available
logo
Tripp Lite. All Rights ...
U328025 TRIPPLITE-U328025 Datasheet
508Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M-M), 25-ft
U328036 TRIPPLITE-U328036 Datasheet
488Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M-M), 36-ft. (11M)
logo
Analog Devices
ADA4530-1R-EBZ AD-ADA4530-1R-EBZ Datasheet
612Kb / 14P
Easy modifications to other standard configurations
Rev. 0
logo
Illinois Capacitor, Inc...
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
logo
Tripp Lite. All Rights ...
U328-025 TRIPPLITE-U328-025 Datasheet
165Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M/M), 25-ft.
U328-036 TRIPPLITE-U328-036 Datasheet
161Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M/M), 36-ft. (11M)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com