Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1LV0816ASB Datasheet (PDF) - Renesas Technology Corp

R1LV0816ASB Datasheet PDF - Renesas Technology Corp
Part # R1LV0816ASB
Download  R1LV0816ASB Download
File Size   214.12 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (512k word x 16bit)

R1LV0816ASB Datasheet (PDF)

Go To PDF Page Download Datasheet
R1LV0816ASB Datasheet PDF - Renesas Technology Corp

Part # R1LV0816ASB
Download  R1LV0816ASB Click to download

File Size   214.12 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8Mb Advanced LPSRAM (512k word x 16bit)

R1LV0816ASB Datasheet (HTML) - Renesas Technology Corp


R1LV0816ASB Product details

Description
The R1LV0816ASB is a family of low voltage 8-Mbit static RAMs organized as 524,288-words by 16-bit,
fabricated by Renesas's high-performance 0.15um CMOS and TFT technologies.
The R1LV0816ASB is suitable for memory applications where a simple interfacing, battery operating and
battery backup are the important design objectives.
The R1LV0816ASB is packaged in a 44pin thin small outline mount device [11.76mm×18.41mm 44-pin
plastic TSOP (II)]. It gives the best solution for a compaction of mounting area as well as flexibility of wiring
pattern of printed circuit boards.
Features
• Single 2.4-3.6V power supply
• Small stand-by current: 1.2μA (Vcc=3.0V, typ.)
• No clocks, No refresh
• All inputs and outputs are TTL compatible
• Easy memory expansion by CS#, LB# and UB#
• Common Data I/O
• Three-state outputs: OR-tie capability
• OE# prevents data contention in the I/O bus
• Operation temperature: -40 ~ +85°C




Similar Part No. - R1LV0816ASB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASB-7SI RENESAS-R1LV0816ASB-7SI Datasheet
214Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
More results


Similar Description - R1LV0816ASB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0816ABG-5SI RENESAS-R1LV0816ABG-5SI Datasheet
258Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
R1LV0816ASA-5SI RENESAS-R1LV0816ASA-5SI Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
R1LV0816ASB-5SI RENESAS-R1LV0816ASB-5SI Datasheet
214Kb / 18P
8Mb Advanced LPSRAM (512k word x 16bit)
RMLV0816BGBG RENESAS-RMLV0816BGBG_15 Datasheet
309Kb / 15P
8Mb Advanced LPSRAM (512k word 횞 16bit)
R1LV0816ASA RENESAS-R1LV0816ASA Datasheet
261Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
RMLV0816BGBG-4S2 RENESAS-RMLV0816BGBG-4S2 Datasheet
340Kb / 15P
8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSA-4S2 RENESAS-RMLV0816BGSA-4S2 Datasheet
347Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
RMLV0816BGSB-4S2 RENESAS-RMLV0816BGSB-4S2 Datasheet
330Kb / 14P
8Mb Advanced LPSRAM (512k word × 16bit)
2020.02.20
RMLV0816BGSD-4S2 RENESAS-RMLV0816BGSD-4S2 Datasheet
343Kb / 16P
8Mb Advanced LPSRAM (512k word × 16bit / 1024k word x 8bit)
2020.02.20
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com