Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R1QHA7236ABG Datasheet (PDF) - Renesas Technology Corp

R1QHA7236ABG Datasheet PDF - Renesas Technology Corp
Part # R1QHA7236ABG
Download  R1QHA7236ABG Download
File Size   892.62 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit DDRII SRAM 2-word Burst

R1QHA7236ABG Datasheet (PDF)

Go To PDF Page Download Datasheet
R1QHA7236ABG Datasheet PDF - Renesas Technology Corp

Part # R1QHA7236ABG
Download  R1QHA7236ABG Click to download

File Size   892.62 Kbytes
Page   39 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 72-Mbit DDRII SRAM 2-word Burst

R1QHA7236ABG Datasheet (HTML) - Renesas Technology Corp


R1QHA7236ABG Product details

Description
The R1Q#A7236 is a 2,097,152-word by 36-bit and the R1Q#A7218 is a 4,194,304-word by 18-bit synchronous
double data rate static RAM fabricated with advanced CMOS technology using full CMOS six-transistor
memory cell. It integrates unique synchronous peripheral circuitry and a burst counter. All input registers are
controlled by an input clock pair (K and /K) and are latched on the positive edge of K and /K. These products
are suitable for applications which require synchronous operation, high speed, low voltage, high density and
wide bit configuration. These products are packaged in 165-pin plastic FBGA package.
# = B: Latency =2.5, w/o ODT # = H: Latency =2.0, w/o ODT
# = E: Latency =2.5, w/ ODT # = L: Latency =2.0, w/ ODT

Features
႑ Power Supply
• 1.8 V for core (VDD), 1.4 V to VDD for I/O (VDDQ)
႑ Clock
• Fast clock cycle time for high bandwidth
• Two input clocks (K and /K) for precise DDR timing at clock rising edges only
• Two output echo clocks (CQ and /CQ) simplify data capture in high-speed systems
• Clock-stop capability with μs restart
႑ I/O
• Common data input/output bus
• Pipelined double data rate operation
• HSTL I/O
• User programmable output impedance
• DLL/PLL circuitry for wide output data valid window and future frequency scaling
• Data valid pin (QVLD) to indicate valid data on the output
႑ Function
• Two-tick burst for low DDR transaction size
• Internally self-timed write control
• Simple control logic for easy depth expansion
• JTAG 1149.1 compatible test access port
႑ Package
• 165 FBGA package (15 x 17 x 1.4 mm)




Similar Part No. - R1QHA7236ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
More results


Similar Description - R1QHA7236ABG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1Q4A7236ABB RENESAS-R1Q4A7236ABB Datasheet
844Kb / 36P
72-Mbit DDRII SRAM 2-word Burst
R1Q6A7236ABG RENESAS-R1Q6A7236ABG Datasheet
841Kb / 36P
72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB Datasheet
895Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG Datasheet
892Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABB RENESAS-R1Q4A7236ABB_15 Datasheet
844Kb / 36P
72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABB RENESAS-R1QBA7236ABB_15 Datasheet
895Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1QBA7236ABG RENESAS-R1QBA7236ABG_15 Datasheet
892Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABB RENESAS-R1QHA7236ABB_15 Datasheet
893Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1QHA7236ABG RENESAS-R1QHA7236ABG_15 Datasheet
893Kb / 39P
72-Mbit DDRII SRAM 2-word Burst
R1Q4A7236ABG RENESAS-R1Q4A7236ABG Datasheet
840Kb / 36P
72-Mbit DDRII SRAM 2-word Burst
2013.01.15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com