Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A20134ASP Datasheet (PDF) - Renesas Technology Corp

R2A20134ASP Datasheet PDF - Renesas Technology Corp
Part # R2A20134ASP
Download  R2A20134ASP Download
File Size   734.36 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Lighting Power Controller

R2A20134ASP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A20134ASP Datasheet PDF - Renesas Technology Corp

Part # R2A20134ASP
Download  R2A20134ASP Click to download

File Size   734.36 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LED Lighting Power Controller

R2A20134ASP Datasheet (HTML) - Renesas Technology Corp


R2A20134ASP Product details

Description
R2A20134ASP is a LED lighting controller IC.
Control method is a fixed frequency mode.
Error Amp Mode realizes High Power Factor and High Efficiency.
And the Peak Current Mode makes it possible to reduce external parts and realize low system cost.
The Error amp Mode control output current and the Peak Current Mode control output power.
Features
• Absolute maximum ratings
⎯ Supply voltage Vcc: 24 V
⎯ Junction temperature Tj: –40 to +150°C
• Electrical characteristics
⎯ UVLO operation start voltage VH: 12 V ± 0.8 V
⎯ UVLO operation shutdown voltage VL: 9.2 V ± 0.7 V
⎯ UVLO hysteresis voltage Hysuvl: 2.8 V ± 0.7 V
• Functions
⎯ Fixed frequency mode (When Rrt is connected by Vref)
⎯ Overcurrent protection (2step)
⎯ Overvoltage protection
⎯ Thermal shutdown (T.S.D.)
⎯ Package lineup: Pb-free SOP-8 (JEDEC)




Similar Part No. - R2A20134ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
More results


Similar Description - R2A20134ASP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28810 TI-UCC28810 Datasheet
1Mb / 31P
LED LIGHTING POWER CONTROLLER
UCC28810 TI-UCC28810_11 Datasheet
1Mb / 33P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134SP RENESAS-R2A20134SP Datasheet
112Kb / 11P
LED Lighting Power Controller
R2A20134ASP RENESAS-R2A20134ASP_15 Datasheet
570Kb / 14P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_15 Datasheet
117Kb / 12P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_15 Datasheet
112Kb / 11P
LED Lighting Power Controller
logo
Texas Instruments
UCC28810 TI1-UCC28810_15 Datasheet
1Mb / 34P
LED LIGHTING POWER CONTROLLER
logo
Renesas Technology Corp
R2A20134ASP RENESAS-R2A20134ASP_16 Datasheet
735Kb / 14P
LED Lighting Power Controller
R2A20134SP RENESAS-R2A20134SP_16 Datasheet
276Kb / 11P
LED Lighting Power Controller
R2A20135SP RENESAS-R2A20135SP_16 Datasheet
290Kb / 12P
LED Lighting Power Controller
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com