Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2A25110KSP Datasheet (PDF) - Renesas Technology Corp

R2A25110KSP Datasheet PDF - Renesas Technology Corp
Part # R2A25110KSP
Download  R2A25110KSP Download
File Size   2848.3 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Power Device for IGBT Drive with Micro Isolator

R2A25110KSP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2A25110KSP Datasheet PDF - Renesas Technology Corp

Part # R2A25110KSP
Download  R2A25110KSP Click to download

File Size   2848.3 Kbytes
Page   41 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Intelligent Power Device for IGBT Drive with Micro Isolator

R2A25110KSP Datasheet (HTML) - Renesas Technology Corp


R2A25110KSP Product details

1. Description
The R2A25110KSP device is an intelligent power device for IGBT gate-drive in the high voltage inverter
application. The Micro Isolator with the coreless transformer structure is adopted for data transfer with
high voltage isolation between the primary circuit (MCU side) and the secondary circuit (IGBT side).
This device contains IGBT gate drive circuit, Miller clamp circuit, soft turn-off circuit as well as several
types of protection circuits such as IGBT temperature detection. This device also supports driving parallel
IGBTs.
1.1. Features
• On-chip Micro Isolator (isolated circuit)
High voltage isolation: 2500VRMS
➢ High Common Mode Rejection (CMR): over 35kV/us
• High output gate drive circuit
➢ Gate drive output resistance: 1.0 ohm max (IGBT parallel connection supported)
➢ On-chip active Miller clamp function
➢ On-chip soft turn-off function
• Various on-chip protection circuits
➢ IGBT emitter current detection circuit: 2 channels
Over current detection (threshold voltage: 0.25 V typ.), short circuit detection
(threshold voltage: 0.5 V typ.)
Over current detection function can be enabled/disabled (SEL pin)
➢ IGBT temperature detection circuit: 2 channels
➢ On-chip under voltage lockout circuit
VCC1 (5 V system): 4.1 V typ.
VCC2 (15 V system): 10 V typ.
➢ On-chip over temperature protection circuit (200 degC)
➢ FAULT feedback
Adjustable FAULT hold time with the external capacitor
• Operating temperature: - 40 to 125 degC (junction temperature: 150 degC max)
• On-chip 5 V regulator




Similar Part No. - R2A25110KSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A25107KFP RENESAS-R2A25107KFP Datasheet
246Kb / 24P
Intelligent Power Device for MOSFET Pre-drive
R2A25107KFPU5 RENESAS-R2A25107KFPU5 Datasheet
246Kb / 24P
Intelligent Power Device for MOSFET Pre-drive
R2A25107KFP RENESAS-R2A25107KFP_15 Datasheet
240Kb / 24P
Intelligent Power Device for MOSFET Pre-drive
More results


Similar Description - R2A25110KSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A25107KFP RENESAS-R2A25107KFP Datasheet
246Kb / 24P
Intelligent Power Device for MOSFET Pre-drive
UPD166011T1J RENESAS-UPD166011T1J Datasheet
211Kb / 28P
INTELLIGENT POWER DEVICE
R2A25107KFP RENESAS-R2A25107KFP_15 Datasheet
240Kb / 24P
Intelligent Power Device for MOSFET Pre-drive
RAA2900014H12HPD RENESAS-RAA2900014H12HPD Datasheet
592Kb / 19P
INTELLIGENT POWER DEVICE
UPD166034T1U RENESAS-UPD166034T1U Datasheet
804Kb / 41P
INTELLIGENT POWER DEVICE
logo
Rohm
BM63363S ROHM-BM63363S Datasheet
1Mb / 24P
600V IGBT Intelligent Power Module (IPM) for low speed switching drive
BM63364S ROHM-BM63364S Datasheet
1Mb / 24P
600V IGBT Intelligent Power Module (IPM) for low speed switching drive
BM63763S ROHM-BM63763S Datasheet
1Mb / 24P
600V IGBT Intelligent Power Module (IPM) for high speed switching drive
BM63764S ROHM-BM63764S Datasheet
1Mb / 24P
600V IGBT Intelligent Power Module (IPM) for high speed switching drive
BM63767S ROHM-BM63767S Datasheet
1Mb / 24P
600V IGBT Intelligent Power Module (IPM) for high speed switching drive
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com