Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20657CNP Datasheet (PDF) - Renesas Technology Corp

R2J20657CNP Datasheet PDF - Renesas Technology Corp
Part # R2J20657CNP
Download  R2J20657CNP Download
File Size   316.61 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Driver - MOS FET (DrMOS)

R2J20657CNP Datasheet (PDF)

Go To PDF Page Download Datasheet
R2J20657CNP Datasheet PDF - Renesas Technology Corp

Part # R2J20657CNP
Download  R2J20657CNP Click to download

File Size   316.61 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Integrated Driver - MOS FET (DrMOS)

R2J20657CNP Datasheet (HTML) - Renesas Technology Corp


R2J20657CNP Product details

Description
The R2J20657CNP multi-chip module incorporates a high-side MOS FET, low-side MOS FET, and MOS-FET driver
in a single QFN package. The on and off timing of the power MOS FET is optimized by the built-in driver, making this
device suitable for large-current buck converters. The chip also incorporates a high-side bootstrap switch, eliminating
the need for an external SBD for this purpose.
Features
 Based on Intel 6  6 DrMOS Specification.
 Built-in power MOS FET suitable for Desktop, Server application.
 Low-side MOS FET with built-in SBD for lower loss and reduced ringing.
 Built-in driver circuit which matches the power MOS FET
 Built-in tri-state input function which can support a number of PWM controllers
 High-frequency operation (above 1 MHz) possible
 VIN operating-voltage range: 20 Vmax
 Large average output current (Max.40 A)
 Achieve low power dissipation
 Controllable driver: Remote on/off
 Support Mid-Voltage PWM signal to enter zero current detection
 Built-in Thermal Warning
 Built-in bootstrapping Switch
 Small package: QFN40 (6 mm  6 mm  0.95 mm)
 Terminal Pb-free/Halogen-free




Similar Part No. - R2J20657CNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20657BNP RENESAS-R2J20657BNP Datasheet
224Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20657NP RENESAS-R2J20657NP Datasheet
165Kb / 17P
Integrated Driver - MOS FET (DrMOS)
More results


Similar Description - R2J20657CNP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2J20604NP RENESAS-R2J20604NP Datasheet
160Kb / 15P
Integrated Driver - MOS FET (DrMOS)
R2J20653ANP RENESAS-R2J20653ANP Datasheet
182Kb / 13P
Integrated Driver - MOS FET (DrMOS)
R2J20602NP RENESAS-R2J20602NP_10 Datasheet
139Kb / 17P
Integrated Driver - MOS FET (DrMOS)
R2J20651NP RENESAS-R2J20651NP Datasheet
190Kb / 20P
Integrated Driver - MOS FET (DrMOS)
R2J20651ANP RENESAS-R2J20651ANP_10 Datasheet
192Kb / 20P
Integrated Driver - MOS FET (DrMOS)
R2J20655NP RENESAS-R2J20655NP Datasheet
179Kb / 18P
Integrated Driver - MOS FET (DrMOS)
R2J20656ANP RENESAS-R2J20656ANP Datasheet
153Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20654NP RENESAS-R2J20654NP Datasheet
153Kb / 16P
Integrated Driver - MOS FET (DrMOS)
R2J20658NP RENESAS-R2J20658NP Datasheet
167Kb / 17P
Integrated Driver - MOS FET (DrMOS)
R2J20658BNP RENESAS-R2J20658BNP Datasheet
226Kb / 16P
Integrated Driver - MOS FET (DrMOS)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com