Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7F0C901B2 Datasheet (PDF) - Renesas Technology Corp

R7F0C901B2 Datasheet PDF - Renesas Technology Corp
Part # R7F0C901B2
Download  R7F0C901B2 Download
File Size   1432.65 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications

R7F0C901B2 Datasheet (PDF)

Go To PDF Page Download Datasheet
R7F0C901B2 Datasheet PDF - Renesas Technology Corp

Part # R7F0C901B2
Download  R7F0C901B2 Click to download

File Size   1432.65 Kbytes
Page   90 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications

R7F0C901B2 Datasheet (HTML) - Renesas Technology Corp


R7F0C901B2 Product details

1.1 Features
Ultra-Low Power Technology
 1.6 V to 5.5 V operation from a single supply
 Stop (RAM retained): 0.23 µA, (LVD enabled): 0.31
µA
 Snooze: 0.70 mA (UART), 1.20 mA (ADC)
 Operating: 66 µA/MHz
16-bit RL78 CPU Core
 Delivers 41 DMIPS at maximum operating frequency
of 32 MHz
 Instruction Execution: 86% of instructions can be
executed in 1 to 2 clock cycles
 CISC Architecture (Harvard) with 3-stage pipeline
 Multiply Signed & Unsigned: 16 x 16 to 32-bit result in
1 clock cycle
 MAC: 16 x 16 to 32-bit result in 2 clock cycles
 16-bit barrel shifter for shift & rotate in 1 clock cycle
 1-wire on-chip debug function
Main Flash Memory
 Density: 48 KB to 64 KB
 Block size: 1 KB
 On-chip single voltage flash memory with protection
from block erase/writing
 Self-programming with secure boot swap function
and flash shield window function
Data Flash Memory
 Data Flash with background operation
 Data flash size: 4 KB
 Erase Cycles: 1 Million (typ.)
 Erase/programming voltage: 1.8 V to 5.5 V
RAM
 4 KB size
 Supports operands or instructions
 Back-up retention in all modes
High-speed On-chip Oscillator
 32 MHz with +/ 1% accuracy over voltage (1.8 V to
5.5 V) and temperature (20 °C to 85 °C)
 Pre-configured settings: 32 MHz, 24 MHz, 16 MHz,
12 MHz, 8 MHz, 6 MHz, 4 MHz, 3 MHz, 2 MHz,
and 1 MHz
Reset and Supply Management
 Power-on reset (POR) generator
 Low voltage detection (LVD) with 14 setting options
(Interrupt and/or reset function)
Multiple Communication Interfaces
 Up to 3 x simplified I2
C
 Up to 3 x CSI/SPI (7-, 8-bit)
 Up to 3 x UART (7-, 8-, 9-bit)
Extended-Function Timers
 Multi-function 16-bit timers: Up to 8 channels
 Interval Timer: 12-bit, 1 channel
 15 kHz watchdog timer : 1 channel (window function)
Rich Analog
 ADC: Up to 8 channels, 10-bit resolution, 2.1 µs
conversion time
 Supports 1.6 V
 Internal voltage reference (1.45 V)
Safety Features (IEC or UL 60730 compliance)
 Flash memory CRC calculation
 RAM parity error check
 RAM write protection
 SFR write protection
 Illegal memory access detection
 Clock stop/ frequency detection
 ADC self-test
General Purpose I/O
 5V tolerant, high-current (up to 20 mA per pin)
 Open-Drain, Internal Pull-up support
 Different potential interface support: Can connect to
a 1.8/2.5/3 V device
Operating Ambient Temperature
 Standard: 40 °C to +85 °C
Package Type and Pin Count
32-pin HWQFN (5 x 5 mm, 0.5 mm pitch)




Similar Part No. - R7F0C901B2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results


Similar Description - R7F0C901B2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
R5F10RB8AFP RENESAS-R5F10RB8AFP Datasheet
816Kb / 76P
Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com